Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33710 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33710
Description  Dual Output DC-DC & Linear Regulator IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33710 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33710 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34710
MAXIMUM RATINGS
VCORE LINEAR REGULATOR (7)
Maximum Output Voltage Startup Overshoot (COUT = 10 µF) (8)
Mode2=Low, Mode1=Low, Mode0=Low
Mode2=Open, Mode1=Low, Mode0=Don’t Care
Mode2=Low, Mode1=Open, Mode0=Don’t Care
Mode2=Open, Mode1=Open, Mode0=Don’t Care
VCORE(STARTUP)
3.6
2.7
2.0
1.65
V
Maximum Output Current
TJ = 0°C to 105°C, VLINB+ ≤ VCORE(NOM) + 0.8 V (9)
IVCORE
500
mA
Notes
7. 13 V ≤ VB+ ≤ 32 V and -20°C ≤ TJ ≤ 145°C unless otherwise noted.
8. Refer to Table 2, page 9.
9. Pulse testing with low duty cycle used.
MAXIMUM RATINGS (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Max
Unit


Similar Part No. - 33710

ManufacturerPart #DatasheetDescription
logo
ITT Industries
337100000 ITT-337100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
337100001 ITT-337100001 Datasheet
671Kb / 8P
   Thumbwheel Switches
337100002 ITT-337100002 Datasheet
671Kb / 8P
   Thumbwheel Switches
337100003 ITT-337100003 Datasheet
671Kb / 8P
   Thumbwheel Switches
337100100 ITT-337100100 Datasheet
671Kb / 8P
   Thumbwheel Switches
More results

Similar Description - 33710

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
   AC-DC Linear Regulator
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
logo
Toshiba Semiconductor
TB7110F TOSHIBA-TB7110F Datasheet
497Kb / 18P
   Buck DC-DC Converter IC媛딺eries Regulator IC
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
   Dual-Output ( and -) DC-DC
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com