Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34710EW Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC34710EW
Description  Dual Output DC-DC & Linear Regulator IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34710EW Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34710EW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34710EW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34710
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
SUPERVISORY FUNCTIONS
Supervisory Circuitry
The supervisory circuitry provides control of the RST line,
an open drain signal, based on system operating conditions
monitored by the 34710. VI/O, VCORE, VB+, and thermal
shutdown (TSD) detectors in various parts of the chip are
monitored for error conditions. VI/O, VCORE, VB+, and thermal
shutdown have both positive- and negative-going thresholds
for triggering the reset function.
The supervisor circuitry also ensures that the regulator
outputs follow a predetermined power-up and power-down
sequence. Specifically, the sequencing ensures that VI/O is
never less than 0.9 V below VCORE. This means that VCORE -
VI/O will be clamped at 0.5 V, and that the VCORE regulator
operation will be suppressed during startup and shutdown to
ensure that VCORE - VI/O = 0.9 V.
VB Charge Pump
The high-side MOSFET in the switching regulator (buck
converter) requires a gate drive supply voltage that is biased
higher than the B+ voltage, and this boosted voltage is
provided by the internal charge pump and stored in a
capacitor between the VB pin and the B+ pin. The charge
pump operates directly from the B+ supply, and uses an
internal oscillator operating at 200 kHz.
Internal Oscillator
The internal oscillator provides a 200 kHz square wave
signal for charge pump operation and for the buck converter.


Similar Part No. - MC34710EW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34710EW FREESCALE-MC34710EW Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
MC34710EWR2 FREESCALE-MC34710EWR2 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
More results

Similar Description - MC34710EW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
   AC-DC Linear Regulator
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
logo
Toshiba Semiconductor
TB7110F TOSHIBA-TB7110F Datasheet
497Kb / 18P
   Buck DC-DC Converter IC媛딺eries Regulator IC
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
   Dual-Output ( and -) DC-DC
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com