Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMLJ24A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 5.0SMLJ24A
Description  Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5.0SMLJ24A Datasheet(HTML) 2 Page - Micro Commercial Components

  5.0SMLJ24A Datasheet HTML 1Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 2Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 3Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM
CLAMPING
VOLTAGE
REVERSE
LEAKAGE
@Ipp
@VRWM
Vc(V)
ID(µA)
5.0SMLJ 11A
11
12.2
13.5
10
18.2
275
800
5PEN
5.0SMLJ 12A
12
13.3
14.7
10
19.9
252
800
5PEP
5.0SMLJ 13A
13
14.4
15.9
10
21.5
233
500
5PEQ
5.0SMLJ 14A
14
15.6
17.2
10
23.2
216
200
5PER
5.0SMLJ 15A
15
16.7
18.5
1
24.4
205
100
5PES
5.0SMLJ 16A
16
17.8
19.7
1
26
193
50
5PET
5.0SMLJ 17A
17
18.9
20.9
1
27.6
181
20
5PEU
5.0SMLJ 18A
18
20
22.1
1
29.2
172
10
5PEV
5.0SMLJ 20A
20
22.2
24.5
1
32.4
155
5
5PEW
5.0SMLJ 22A
22
24.4
26.9
1
35.5
141
5
5PEX
5.0SMLJ 24A
24
26.7
29.5
1
38.9
129
5
5PEZ
5.0SMLJ 26A
26
28.9
31.9
1
42.1
119
5
5PFE
5.0SMLJ 28A
28
31.1
34.4
1
45.4
110
5
5PFG
5.0SMLJ 30A
30
33.3
36.8
1
48.4
103
5
5PFK
5.0SMLJ 33A
33
36.7
40.6
1
53.3
93.9
5
5PFM
5.0SMLJ 36A
36
40
44.2
1
58.1
86.1
5
5PFP
5.0SMLJ 40A
40
44.4
49.1
1
64.5
77.6
5
5PFR
5.0SMLJ 43A
43
47.8
52.8
1
69.4
72.1
5
5PFT
5.0SMLJ 45A
45
50
55.3
1
72.7
68.8
5
5PFV
5.0SMLJ 48A
48
53.3
58.9
1
77.4
64.7
5
5PFX
5.0SMLJ 51A
51
56.7
62.7
1
82.4
60.7
5
5PFZ
5.0SMLJ 54A
54
60
66.3
1
87.1
57.5
5
5RGE
5.0SMLJ 58A
58
64.4
71.2
1
93.6
53.5
5
5PGG
5.0SMLJ 60A
60
66.7
73.7
1
96.8
51.7
5
5PGK
5.0SMLJ 64A
64
71.1
78.6
1
103
48.6
5
5PGM
5.0SMLJ 70A
70
77.8
86
1
113
44.3
5
5PGP
5.0SMLJ 75A
75
83.3
92.1
1
121
41.4
5
5PGR
5.0SMLJ 78A
78
86.7
95.8
1
126
39.7
5
5PGT
5.0SMLJ 85A
85
94.4
104
1
137
36.5
5
5PGV
5.0SMLJ 90A
90
100
111
1
146
34.3
5
5PGX
5.0SMLJ 100A
100
111
123
1
162
30.9
5
5PGZ
5.0SMLJ 110A
110
122
135
1
177
28.3
5
5PHE
5.0SMLJ 120A
120
133
147
1
193
26
5
5PHG
5.0SMLJ 130A
130
144
159
1
209
24
5
5PHK
5.0SMLJ 150A
150
167
185
1
243
20.6
5
5PHM
5.0SMLJ 160A
160
178
197
1
259
19.3
5
5PHP
5.0SMLJ 170A
170
189
209
1
275
18.2
5
5PHR
DEVICE
MARKING
CODE
PART NUMBER
PEAK PULSE
CURRENT
Ipp (A)
TEST
CURRENT
IT (mA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
MCC
TM
Micro Commercial Components
5.0SMLJ11A~ 5.0SMLJ170A
www.mccsemi.com
2 of 4
Revision: 1
2006/10/18


Similar Part No. - 5.0SMLJ24A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
137Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
logo
MDE Semiconductor, Inc.
5.0SMLJ24A MDE-5.0SMLJ24A Datasheet
327Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMLJ24A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
50SMLJ11A MCC-50SMLJ11A_09 Datasheet
137Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A-TP MCC-5.0SMLJ24A-TP Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_11 Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_13 Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ11A MCC-5.0SMLJ11A_15 Datasheet
314Kb / 5P
   Transient Voltage Suppressor 11 to 400 Volts 5000 Watt
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com