Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7678C2SYC-J Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP7678C2SYC-J
Description  SUPER FLUX LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7678C2SYC-J Datasheet(HTML) 3 Page - Kingbright Corporation

  WP7678C2SYC-J Datasheet HTML 1Page - Kingbright Corporation WP7678C2SYC-J Datasheet HTML 2Page - Kingbright Corporation WP7678C2SYC-J Datasheet HTML 3Page - Kingbright Corporation WP7678C2SYC-J Datasheet HTML 4Page - Kingbright Corporation WP7678C2SYC-J Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAH3823
REV NO: V.1
DATE: MAY/04/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101017255
Notes:
1.Luminous intensity is measured with an integrating sphere after the device has stabilized; Luminous Intensity / luminous flux: +/-15%.
2.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Note:
1.The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the perceived color of the device; Wavelength: +/-1nm.
Note:
1. Forward Voltage: +/-0.1V.
Selection Guide
Part No.
LED COLOR
Iv(cd)[1]
@70mA
Min.
Typ.
Viewing Angle[2]
2θ1/2
Typ.
WP7678C2SYC/J
Super Bright Yellow (AlGaInP)
2.5
5
40
°
DEVICE
TYPE
PEAK
WAVELENGTH
λPEAK (nm)
TYP.
DOMINANT[1]
WAVELENGTH
λDOM (nm)
TYP.
SPECTRAL LINE
WAVELENGTH
Δλ1/2(nm)
TYP.
SY/J
590
589
20
Optical Characteristics at TA=25°C
IF=70mA Rθj-a=200°C/W
Electrical Characteristics at TA=25°C
DEVICE
TYPE
REVERSE CURRENT
IR (uA)
@
VR=5V
CAPACITANCE
C (pF)
@
VF=0V F=1MHZ
THERMAL
RESISTANCE
Rθj -pin
°C/W
MIN.
TYP.
MAX.
MAX.
TYP.
TYP.
SY/J
2.6
2.9
3.5
10
45
125
FORWARD VOLTAGE [1]
VF (VOLTS)
@
IF=70mA


Similar Part No. - WP7678C2SYC-J

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7678C2SEC-J KINGBRIGHT-WP7678C2SEC-J Datasheet
253Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SEC/J KINGBRIGHT-WP7678C2SEC/J Datasheet
253Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SURC-G KINGBRIGHT-WP7678C2SURC-G Datasheet
167Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SURC/G KINGBRIGHT-WP7678C2SURC/G Datasheet
167Kb / 5P
   SUPER FLUX LED LAMP
More results

Similar Description - WP7678C2SYC-J

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7677C2ZGC KINGBRIGHT-WP7677C2ZGC Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1QBC-D KINGBRIGHT-WP7679C1QBC-D Datasheet
256Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1VGC-Z KINGBRIGHT-WP7679C1VGC-Z Datasheet
229Kb / 5P
   SUPER FLUX LED LAMP
logo
List of Unclassifed Man...
XSZE983W ETC1-XSZE983W Datasheet
210Kb / 3P
   SUPER FLUX LED LAMP
logo
Kingbright Corporation
WP7677C2SYC-J KINGBRIGHT-WP7677C2SYC-J Datasheet
251Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2QBC-D KINGBRIGHT-WP7678C2QBC-D Datasheet
256Kb / 5P
   SUPER FLUX LED LAMP
WP7679C1SEC-J KINGBRIGHT-WP7679C1SEC-J Datasheet
233Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2VGC-Z KINGBRIGHT-WP7678C2VGC-Z Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7677C2QBC-D KINGBRIGHT-WP7677C2QBC-D Datasheet
255Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SEC-J KINGBRIGHT-WP7678C2SEC-J Datasheet
253Kb / 5P
   SUPER FLUX LED LAMP
WP7678C2SURC-G KINGBRIGHT-WP7678C2SURC-G Datasheet
167Kb / 5P
   SUPER FLUX LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com