Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ145011DW Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCZ145011DW
Description  Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ145011DW Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ145011DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ145011DW Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Sensors
10
Freescale Semiconductor
MC145011
CALIBRATION
To facilitate checking the sensitivity and calibrating smoke
detectors, the MC145011 can be placed in a calibration
mode. In this mode, certain device pins are controlled/
reconfigure as shown in Table 5. To place the part in the
calibration mode, Pin 16 (Test) must be pulled below the VSS
pin with 100
µA continuously drawn out of the pin for at least
one cycle on the OSC pin. To exit this mode, the Test pin is
floated for at least one OSC cycle.
In the calibration mode, the IRED pulse rate is increased
to one for every OSC cycle. Also, Strobe is always active low.
Figure 9. Recommended PCB Layout
Table 5. Configuration of Pins in the Calibration Mode
Pin
Description
Comment
7
I/O
Disabled as an output. Forcing this pin high places the photo amp output on pin 1 or 2, as determined
by Low-Supply Trip. The amp's output appears as pulses and is referenced to VDD.
15
LOW-SUPPLY TRIP
If the I/O pin is high, pin 15 controls which gain capacitor is used. Low: normal gain, amp output on
pin 1. High: supervisory gain, amp output on pin 2.
10
FEEDBACK
Driving this input high enables hysteresis (10% gain increase) in the photo amp; pin 15 must be low.
12
OSC
Driving this input high brings the internal clock high. Driving the input low brings the internal clock low.
If desired, the RC network for the oscillator may be left intact; this allows the oscillator to run similar to
the normal mode of operation.
9
SILVER
This pin becomes the smoke comparator output. When the OSC pin is toggling, positive pulses indicate
that smoke has been detected. A static low level indicates no smoke.
8
BRASS
This pin becomes the smoke integrator output. That is, 2 consecutive smoke detections are required
for “on” (static high level) and 2 consecutive no-detections for “off” (static low level).
NOTES: Illustration is bottom view of layout using a DIP. Top view for SOIC layout is mirror image.
Optional potentiometer R9 is not included.
Drawing is not to scale.
Leads on D1, R11, R8, and R10 and their associated traces must be kept as short as possible.
This practice minimizes noise pick up.
Pin 3 must be decoupled from all other traces.
Pin 8
Pin 16
Pin 9
Pin 1
C1
R11
D2
R8
MOUNTED IN
CHAMBER
Do Not Run Any
Additional Traces
In This Region
R14


Similar Part No. - MCZ145011DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ145010EG FREESCALE-MCZ145010EG Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MCZ145010EGR2 FREESCALE-MCZ145010EGR2 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MCZ145012EG/R2 FREESCALE-MCZ145012EG/R2 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MCZ145012EGR2 FREESCALE-MCZ145012EGR2 Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MCZ145017EG FREESCALE-MCZ145017EG Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
More results

Similar Description - MCZ145011DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
   Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com