Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5274LVM133 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCF5274LVM133
Description  Integrated Microprocessor Family Hardware Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5274LVM133 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF5274LVM133 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5274LVM133 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 2
Preliminary—Subject to Change Without Notice
MCF5275 Family Configurations
Freescale Semiconductor
2
In addition, the MCF5275 family features an enhanced multiply accumulate unit (EMAC), large on-chip
memory (64 Kbytes SRAM, 16 Kbytes configurable cache), and a 16-bit DDR SDRAM memory
controller.
These devices are ideal for cost-sensitive applications requiring significant control processing for file
management, connectivity, data buffering, and user interface, as well as signal processing in a variety of
key markets such as security, imaging, networking, gaming, and medical. This leading package of
integration and high performance allows fast time to market through easy code reuse and extensive third
party tool support.
To locate any published errata or updates for this document, refer to the ColdFire products website at
http://www.freescale.com/coldfire.
1
MCF5275 Family Configurations
Table 1. MCF5275 Family Configurations
Module
MCF5274L
MCF5275L
MCF5274
MCF5275
ColdFire Version 2 Core with EMAC (Enhanced Multiply-Accumulate Unit)
xxxx
System Clock
up to 166 MHz
Performance (Dhrystone 2.1 MIPS)
up to 159
Instruction/Data Cache
16 Kbytes (configurable)
Static RAM (SRAM)
64 Kbytes
Interrupt Controllers (INTC)
2222
Edge Port Module (EPORT)
xxxx
External Interface Module (EIM)
xxxx
4-channel Direct-Memory Access (DMA)
xxxx
DDR SDRAM Controller
xxxx
Fast Ethernet Controller (FEC)
1122
Watchdog Timer Module (WDT)
xxxx
4-channel Programmable Interval Timer Module (PIT)
xxxx
32-bit DMA Timers
4444
USB
xxxx
QSPI
xxxx
UART(s)
3333
I2C
xxxx
PWM
4444
General Purpose I/O Module (GPIO)
xxxx
CIM = Chip Configuration Module + Reset Controller Module
xxxx
Debug BDM
xxxx
JTAG - IEEE 1149.1 Test Access Port
xxxx
Hardware Encryption
x
x
Package
196 MAPBGA 196 MAPBGA 256 MAPBGA 256 MAPBGA


Similar Part No. - MCF5274LVM133

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5274LVM133 MOTOROLA-MCF5274LVM133 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
More results

Similar Description - MCF5274LVM133

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com