Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

221KD05JX Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 221KD05JX
Description  11 to 460 Volts Varistor 0.7 to 29 Joule
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

221KD05JX Datasheet(HTML) 3 Page - Micro Commercial Components

  221KD05JX Datasheet HTML 1Page - Micro Commercial Components 221KD05JX Datasheet HTML 2Page - Micro Commercial Components 221KD05JX Datasheet HTML 3Page - Micro Commercial Components 221KD05JX Datasheet HTML 4Page - Micro Commercial Components 221KD05JX Datasheet HTML 5Page - Micro Commercial Components 221KD05JX Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
90
70
6
9
8
4
20
15
10
7
5
80
60
50
40
30
400
300
200
150
100
Max.
Leakage Current
Max.
Clamping Voltage
Test current waveform
10
-6 to 10-3 A: Direct current
10
-1 to 104 A: 8/20
µs
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
A
V-I Curve (180L to 680K)
V
680KD05
560KD05
470KD05
390KD05
330KD05
270KD05
220KD05
180LD05
680KD05
560KD05
470KD05
390KD05
330KD05
270KD05
220KD05
180LD05
70
50
2000
40
30
Max.
Leakage Current
Max.
Clamping Voltage
Test current waveform
10
-6 to 10-3 A: Direct current
10
-1 to 10-4 A: 8/20
µs
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
A
V-I Curve (820K to 471K)
V
471KD05
431KD05
391KD05
361KD05
331KD05
301KD05
271KD05
241KD05
221KD05
201KD05
181KD05
151KD05
121KD05
101KD05
820KD05
100
90
80
60
700
900
500
400
300
200
800
600
1000
Revision: 2
2006/09/09
MCC
751KD05JX thru 180LD05JX
TM
Micro Commercial Components
www.mccsemi.com
3 of 6


Similar Part No. - 221KD05JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
221KD05NX MCC-221KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
More results

Similar Description - 221KD05JX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
   4 to 460 Volts Varistor 0.20 to 22.5 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
   11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 13 to 1020 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
   130 to 1000 Volts Varistor 155 to 1100 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
   4 to 510 Volts Varistor 0.8 to 47 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
   11 to 510 Volts 1.5 to 60 Joule
112KD10NX MCC-112KD10NX Datasheet
119Kb / 6P
   6 to 680 Volts Varistor 2.0 to 124.0 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 2.6 to 247Joule
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com