Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5275CVM133 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCF5275CVM133
Description  Integrated Microprocessor Family Hardware Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5275CVM133 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF5275CVM133 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5275CVM133 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Signal Descriptions
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
A[20:0]
O
A12, B12, C12,
A13, B13, C13,
A14, B14, C14,
B15, C15, B16,
C16, D14, D15,
E14:16, F14:16
B9, D9, C9,
C10, B10, A11,
C11, B11, A12,
D11, C12, B13,
C13, D12, E11,
D13, E12, F11,
D14, E13, F13
D[31:16]
——
O
M1, N1, N2, N3,
P1, P2, R1, R2,
P3, R3, T3, N4,
P4, R4, T4, N5
J3, L1, K2, K3,
M1, L2, L3, L4,
K4, J4, M2, N1,
N2, M3, M4, N3
BS[3:2]
PBS[3:2]
CAS[3:2]
O
M3, R5
K1, L5
OE
PBUSCTL[7]
O
K1
H4
TA
PBUSCTL[6]
I
L13
K14
TEA
PBUSCTL[5]
DREQ1
—I
T8
R/W
PBUSCTL[4]
O
P7
L6
TSIZ1
PBUSCTL[3]
DACK1
O
D16
B14
TSIZ0
PBUSCTL[2]
DACK0
O
G16
E14
TS
PBUSCTL[1]
DACK2
O
L4
H2
TIP
PBUSCTL[0]
DREQ0
O
P6
Chip Selects
CS[7:1]
PCS[7:1]
O
D10:13, E13,
F13, N7
D8, A9, A10,
D10, B12, C14,
P4
CS0
O
R6
N5
DDR SDRAM Controller
DDR_CLKOUT
——
OT7
P6
DDR_CLKOUT
——
OT6
P5
SD_CS[1:0]
PSDRAM[7:6]
CS[3:2]
O
M2, T5
H3, M5
SD_SRAS
PSDRAM[5]
O
L2
H1
SD_SCAS
PSDRAM[4]
O
L1
G3
SD_WE
PSDRAM[3]
O
K2
G4
SD_A10
——
O
N6
N4
SD_DQS[3:2]
PSDRAM[2:1]
——
I/O
M4, P5
J2, P3
SD_CKE
PSDRAM[0]
O
L3
J1
SD_VREF
I
A15, T2
A13, P2
Table 2. MCF5274 and MCF5275 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate1
Alternate2 Dir.1
MCF5274
MCF5275
256 MAPBGA
MCF5274L
MCF5275L
196 MAPBGA


Similar Part No. - MCF5275CVM133

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5275CVM133 MOTOROLA-MCF5275CVM133 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
More results

Similar Description - MCF5275CVM133

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com