Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC860PZQ66D4 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # KMPC860PZQ66D4
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860PZQ66D4 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  KMPC860PZQ66D4 Datasheet HTML 1Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC860PZQ66D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
5
Maximum Tolerated Ratings
— Multiple-master environment support
Time-slot assigner (TSA)
— Allows SCCs and SMCs to run in multiplexed and/or non-multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame synchronization, and clocking
— Allows dynamic changes
— Can be internally connected to six serial channels (four SCCs and two SMCs)
Parallel interface port (PIP)
— Centronics interface support
— Supports fast connection between compatible ports on the MPC860 or the MC68360
PCMCIA interface
— Master (socket) interface, release 2.1 compliant
— Supports two independent PCMCIA sockets
— Supports eight memory or I/O windows
Low power support
— Full on—all units fully powered
— Doze—core functional units disabled except time base decrementer, PLL, memory controller, RTC, and
CPM in low-power standby
— Sleep—all units disabled except RTC and PIT, PLL active for fast wake up
— Deep sleep—all units disabled including PLL except RTC and PIT
— Power down mode—all units powered down except PLL, RTC, PIT, time base, and decrementer
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two operate on
data
— Supports conditions: =
≠ < >
— Each watchpoint can generate a break-point internally.
3.3-V operation with 5-V TTL compatibility except EXTAL and EXTCLK
357-pin ball grid array (BGA) package
3
Maximum Tolerated Ratings
This section provides the maximum tolerated voltage and temperature ranges for the MPC860. Table 2 provides the
maximum ratings.
This device contains circuitry protecting against damage due to high-static voltage or electrical fields; however, it
is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages
to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic
voltage level (for example, either GND or Vdd).


Similar Part No. - KMPC860PZQ66D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KMPC860PZQ66D4 FREESCALE-KMPC860PZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
More results

Similar Description - KMPC860PZQ66D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com