Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE7824A Datasheet(PDF) 1 Page - Dc Components

Part # DE7824A
Description  TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DE7824A Datasheet(HTML) 1 Page - Dc Components

  DE7824A Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTEGRATED CIRCUIT
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
These regulators empoly internal current limiting and thermal
shutdown, making them essentially indestructible. They can
deliver over 1A output current with adequate heatsinking. They are
intended as fixed voltage regulators in a wide range of applications
including local, on-card regulation for elimination of noise and
distribution problems associated with single-point regulation.
Pinning
1 = Input
2 = Ground
3 = Output
DE7824
DE7824A
Characteristic
Symbol
Rating
Unit
Input Voltage
VI
40
V
Total Power Dissipation
PD
Internal limit
W
Operating Temperature Range
Topr
0 to +125
o
C
Maximum Junction Temperature
TJ
125
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Lead Temperature(Soldering 10 Sec.)
TL
230
o
C
Absolute Maximum Ratings (TA=25oC)
TO-220AB
Dimensions in inches and (millimeters)
.625(15.87)
.570(14.48)
.350(8.90)
.330(8.38)
.562(14.27)
.500(12.70)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.295(7.49)
.220(5.58)
.640
(16.25)
Typ
.055(1.40)
.045(1.14)
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.024(0.60)
.014(0.35)
Φ.151
Φ(3.83)
Typ
1 2 3
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
DE7824A
23.28
24.00
24.72
TJ=25oC
Output Voltage
DE7824
VO
23.00
24.00
25.00
V
DE7824A
23.28
24.00
24.72
PD 15W, 5mA IO 1A
DE7824
23.80
24.00
25.20
DE7824A
-
18
240
TJ=25oC, 27V Vin 38V
Line Regulation
DE7824
Regline
-
18
480
mV
-
6.0
240
TJ=25oC, 30V Vin 36V
DE7824A
-
-
240
TJ=25oC, 5mA IO 1.5A
Load Regulation
DE7824
Regload
-
-
480
mV
DE7824A
-
-
120
TJ=25oC, 250mA IO 750mA
DE7824
-
-
240
Input Bias Current
IIB
-
5.5
8.0
mA
TJ=25oC, IO 1A
Input Bias Current Change
∆IIB
-
-
0.5
mA
5mA IO 1A
-
-
1.3
27V Vin 38V
Output Noise Voltage
DE7824A
Vn
-
-
200
µV
TA=25oC, 10Hz f 100KHz
DE7824
-
-
300
Ripple Rejection
DE7824A
RR
-
68
-
dB
28V Vin 38V, f=120Hz
DE7824
62
73
-
Dropout Voltage
DE7824A
VD
-
2.0
-
V
TJ=25oC, IO=1A
DE7824
-
2.5
-
Short Circuit Current
ISC
-
1.5
-
A
TJ=25oC
Peak Output Current
Imax
1.7
-
-
A
TJ=25oC
Average TC of Vout
∆VO / ∆T
-
-0.8
-
mV / oC
0oC TJ +125oC, IO=5mA
Electrical Characteristics
(Vin=33V, Iout=500mA, 0oC TJ 125oC, unless otherwise specified)


Similar Part No. - DE7824A

ManufacturerPart #DatasheetDescription
logo
Dc Components
DE7805 DCCOM-DE7805 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7805A DCCOM-DE7805A Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7806 DCCOM-DE7806 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7806A DCCOM-DE7806A Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7808 DCCOM-DE7808 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - DE7824A

ManufacturerPart #DatasheetDescription
logo
Dc Components
DA78L05 DCCOM-DA78L05 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DA78L06 DCCOM-DA78L06 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7805 DCCOM-DE7805 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DA78L08 DCCOM-DA78L08 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7806 DCCOM-DE7806 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DA78L12 DCCOM-DA78L12 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7808 DCCOM-DE7808 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7809 DCCOM-DE7809 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7812 DCCOM-DE7812 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7815 DCCOM-DE7815 Datasheet
195Kb / 1P
   TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com