Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC8500QS16 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AMC8500QS16
Description  TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC8500QS16 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AMC8500QS16 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMC8500QS16 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Preliminary Specification
aMC8500
Reference
A pinned out 3.5 V Reference with a tolerance ±5.0% is made available to ease the implementation of motor control and
allow additional system features. The Reference can be used to program the minimum speed set input, provide Hall sensor
power, or thermal sensor voltage scaling when used in conjunction with the uncommitted Op Amp. The Reference output
also provides a means to selectively enable or disable the device's automatic low current power down feature. Automatic
power down is enabled if the output load current is 1.0 mA or less, and disabled if it is 2.0 mA or greater. The Reference is a
source only output and therefore is not designed to sink current from a higher voltage source. It is capable of sourcing in
excess of 10 mA over temperature and has short circuit protection. In applications that require additional current capability,
the output can be buffered with the addition of an external PNP transistor as shown in Figure 25. This simple circuit has the
advantage of moving any additional regulator power dissipation off chip but it does not maintain output short circuit
protection.
Op Amp
A fully compensated Op Amp with access to both inputs and output is provided to facilitate thermal sensor voltage scaling.
The amplifier features a wide input common mode voltage range that extends from ground to 4.2 V, a DC voltage gain of
100 dB, and a 70 kHz gain bandwidth product. The amplifier output exhibits an voltage swing that extends from ground to
VDD - 1.7 V, is capable of sinking and sourcing up to 10 mA, and is unity gain stability when driving capacitive loads. In
applications where a single amplifier input can exceed the upper level of the common mode voltage range, the output will
always maintain the proper state. If both inputs exceed the upper level of the common mode voltage range, a low state
output phase reversal can occur and although non destructive, it may result in unexpected system behavior.
If the intended application does not require use of the Op Amp, the inputs must be connected to a fixed low impedance
source in a manner that will force the output into a defined state. This will prevent the possibility of amplifying unwanted
noise which can result in erratic circuit behavior. Figure 27 shows three suggested connection methods.
Frequency Generator / Rotor Lock
Motor speed and fault signals are provided by the Frequency Generator and Rotor Lock output at Pin 15. These signals
can provide diagnostic information to a thermal system controller. During normal operation, the output provides a digital
square wave that switches at the Hall sensor commutation frequency. Internally, this signal is used to continuously reset the
Fault Timer. If the motor encounters an obstruction, the decrease in rotational speed will result in a corresponding increase
in time between reset pulses. If this time exceeds 0.25 s (ton(Flt)) a fault will be detected, which in turn will terminate motor
drive and place Pin 15 into a high state, thus indicating a rotor lock condition. After an off time cool down period of 2.0 s
(toff(Flt)) has elapsed, the Fault Timer circuit will apply maximum drive in attempt to restart the motor for another 0.25 s. This
on/off cycling will repeat indefinitely until the motor restarts, or is commanded to stop by the Speed Control and Minimum
Speed Set inputs. Upon a successful restart, Pin 15 will resume switching at the Hall commutation rate after completion of
the Kick Start interval.
The Frequency Generator and Rotor Lock output consists of an N-channel open drain device and therefore requires an
external pull-up resistor. An internal high gain buffer with hysteresis is used to insure that the output waveform is always
rectangular even when the peak to peak Hall output signals are at a low level. The operating waveforms are shown in
Figure 17.
Figure 17- Frequency Generator / Rotor Lock Waveforms
- 10 -
Rotor Locked or Rotating Below
Minimum Hall Frequency
Constant Speed
Accelerating
Constant Speed
Differential
Hall Inputs
Frequency
Generator /
Rotor Lock
Output
Defaults To High State After Fault Detected
Fault Timer
toff(Flt) 2.0 s
ton(Flt) 0.25 s
Possible Low Or High State
Off
Fault
Detected
0.25 s
On
On
Off
Motor Drives
Rotor Locked
Rotor Free
Running
On
Retry
Cool Down
Running
Cool Down
Kick
Start
1.0 s
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A04018


Similar Part No. - AMC8500QS16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC85020QS24 ETC2-AMC85020QS24 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results

Similar Description - AMC8500QS16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Sanyo Semicon Device
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
   Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Zetex Semiconductors
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com