Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC7521A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ASC7521A
Description  LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7521A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ASC7521A Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7521A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
- 9 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05011
aSC7521A
8
8
8
8
8
Target Address
Write Length
Read Length
Command
FCS
0x48
0x01
0x00
0xE2
0xE0
Figure 11. Vendor Command Enable
VenCmdDisable()
Vendor Command Disable disables the Vendor Specified Extensions.
Write Data Length:
0x01
Read Data Length:
0x00
Command Code:
0xE3
8
8
8
8
8
Target Address
Write Length
Read Length
Command
FCS
0x48
0x01
0x00
0xE3
0xE7
Figure 12. Vendor Command Disable
Reserved or Unsupported Commands
Attempts to access the sensor using a reserved or unsupported command will not result in the device or bus failure. The sensor will
return a modified FCS when any of the following commands are received. To modify the FCS the sensor will invert all of the bits in
the correct FCS (1’s complement). A modified FCS is also called an Abort FCS.
The sensor will return an Abort FCS (modified FCS) for a reserved and unsupported command code (commands codes between
0xE4 to 0xF5 and 0xF8 to 0xFF).
The sensor will return an Abort FCS (modified FCS) for reserved commands (command codes 0x02 to 0xDF.
The sensor will return an Abort FCS (modified FCS) for unused vendor specific test and manufacturing command codes (command
codes 0xE8 to 0xEF). If any of these types of commands exist, they will be disabled during normal operation.
Malformed Commands
A malformed command is one which is valid but has an incorrect write or read length for the given command.
If a get temperature command with a write length not equal to 1 is sent, then the aSC7521A will send an Abort FCS and wait for a
new command. An Abort FCS will be formed by creating a 1’s complement of the the good FCS.
If a get temperature command and the read length is not equal to 2 or 4 then te aSC7521A will send an Abort FCS and wait for a
stop on the SST bus. See the Command Summary section for the expected Write and Read lengths of the legal commands.
There will be no checking for malformed WriteReg() and ReadReg() commands (Vendor Specific Extensions).


Similar Part No. - ASC7521A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
ASC7512D8 ETC2-ASC7512D8 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results

Similar Description - ASC7521A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX31826 MAXIM-MAX31826 Datasheet
1Mb / 22P
   1-Wire Digital Temperature Sensor with 1Kb Lockable EEPROM
Rev 0; 3/12
MAX31820 MAXIM-MAX31820 Datasheet
1Mb / 21P
   1-Wire Ambient Temperature Sensor
Rev 0; 6/13
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com