Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU5780 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AU5780
Description  SAE/J1850/VPW transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU5780 Datasheet(HTML) 5 Page - NXP Semiconductors

  AU5780 Datasheet HTML 1Page - NXP Semiconductors AU5780 Datasheet HTML 2Page - NXP Semiconductors AU5780 Datasheet HTML 3Page - NXP Semiconductors AU5780 Datasheet HTML 4Page - NXP Semiconductors AU5780 Datasheet HTML 5Page - NXP Semiconductors AU5780 Datasheet HTML 6Page - NXP Semiconductors AU5780 Datasheet HTML 7Page - NXP Semiconductors AU5780 Datasheet HTML 8Page - NXP Semiconductors AU5780 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
AU5780
SAE/J1850/VPW transceiver
1998 Jun 30
5
CONTROL INPUT SUMMARY
TX
/LB
MODE
BIT VALUE
BUS_OUT
RX
(out)
0
0
Loop-back
TX passive (default state)
float
float (high)
1
0
Loop-back
TX active
float
low
0
1
Communication
Transmitter passive
float
bus state1
1
1
Communication
Transmitter active
high
low
NOTE:
1. RX outputs the bus state. If the bus level is below the receiver threshold (i.e., all transmitters passive), then RX will be floating (i.e., high,
considering external pull-up resistance). Otherwise, if the bus level is above the receiver threshold (i.e., at least one transmitter is active),
then RX will be low.
ABSOLUTE MAXIMUM RATINGS
According to the IEC 134 Absolute Maximum System; operation is not guaranteed under these conditions; all voltages are referenced to pin 8
(GND); positive currents flow into the IC; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VBATT
supply voltage
–20
+24
V
VBATT.ld
short-term supply voltage
load dump; t < 1s
+50
V
VBATT.tr1
transient supply voltage
SAE J1113 pulse 1
–100
V
VBATT.tr2
transient supply voltage
SAE J1113 pulses 2
+150
V
VBATT.tr3
transient supply voltage
SAE J1113 pulses 3A, 3B
–200
+200
V
VB
Bus voltage
Rf > 10 kΩ ; Rb >10Ω 1
–20
+20
V
VB.tr1
transient bus voltage
SAE J1113 pulse 1
–50
V
VB.tr2
transient bus voltage
SAE J1113 pulses 2
+100
V
VB.tr3
transient bus voltage
SAE J1113 pulses 3A, 3B
–200
+200
V
VI
DC voltage on pins TX, R/F, RX, /LB
–0.3
7
V
ESDBATT
ESD capability of BATT pin
Air gap discharge,
R=2k
Ω, C=150pF
–9
+9
kV
ESDbus
ESD capability of BUS_OUT and BUS_IN pins
Air gap discharge,
R=2k
Ω, C=150pF
–9
+9
kV
ESDlogic
ESD capability of TX, RX, R/F, and /LB pins
Human Body,
R=1.5k
Ω, C=100pF
–2
+2
kV
Ptot
maximum power dissipation
at Tamb = +125 °C
164
mW
ΘJA
thermal impedance
in free air
152
°C/W
Tamb
operating ambient temperature
–40
+125
°C
Tstg
storage temperature
–40
+150
°C
Tvj
junction temperature
–40
+150
°C
NOTE:
1. For bus voltages –20V < Vbus < –17V and +17V < Vbus < +20V the current is limited by the external resistors Rb and Rf.


Similar Part No. - AU5780

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5780AD PHILIPS-AU5780AD Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
More results

Similar Description - AU5780

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5783 PHILIPS-AU5783 Datasheet
115Kb / 14P
   J1850/VPW transceiver with supply control function
1999 May 11
logo
OKI electronic componet...
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
   SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
   SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Intersil Corporation
HIP7020 INTERSIL-HIP7020 Datasheet
81Kb / 11P
   J1850 Bus Transceiver For Multiplex Wiring Systems
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
   Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
   ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
Intersil Corporation
HIP7010 INTERSIL-HIP7010 Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com