Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL74 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAL74
Description  High-speed diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAL74 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAL74 Datasheet HTML 1Page - NXP Semiconductors BAL74 Datasheet HTML 2Page - NXP Semiconductors BAL74 Datasheet HTML 3Page - NXP Semiconductors BAL74 Datasheet HTML 4Page - NXP Semiconductors BAL74 Datasheet HTML 5Page - NXP Semiconductors BAL74 Datasheet HTML 6Page - NXP Semiconductors BAL74 Datasheet HTML 7Page - NXP Semiconductors BAL74 Datasheet HTML 8Page - NXP Semiconductors BAL74 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2003 Dec 17
4
Philips Semiconductors
Product specification
High-speed diode
BAL74
GRAPHICAL DATA
0
50
100
200
250
0
200
msa562
150
150
100
50
IF
(mA)
Tamb (°C)
Device mounted on an FR4 printed-circuit board.
Fig.2
Maximum permissible continuous forward
current as a function of ambient temperature.
(1) Tj = 150 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.3
Forward current as a function of forward
voltage.
handbook, halfpage
02
300
IF
(mA)
0
100
200
MBG382
1
VF (V)
(1)
(3)
(2)
handbook, full pagewidth
MBG704
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents; Tj =25 °C prior to surge.


Similar Part No. - BAL74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
logo
Siemens Semiconductor G...
BAL74 SIEMENS-BAL74 Datasheet
96Kb / 4P
   Silicon Switching Diode
logo
Infineon Technologies A...
BAL74 INFINEON-BAL74 Datasheet
40Kb / 4P
   Silicon Switching Diode
Jul-27-2001
logo
Guangdong Kexin Industr...
BAL74 KEXIN-BAL74 Datasheet
38Kb / 2P
   High-speed diode
logo
Infineon Technologies A...
BAL74 INFINEON-BAL74 Datasheet
70Kb / 6P
   Silicon Switching Diode
2007-04-19
More results

Similar Description - BAL74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com