Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1M Datasheet(PDF) 4 Page - NXP Semiconductors

Part # RS1M
Description  SMA fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RS1M Datasheet(HTML) 4 Page - NXP Semiconductors

  RS1M Datasheet HTML 1Page - NXP Semiconductors RS1M Datasheet HTML 2Page - NXP Semiconductors RS1M Datasheet HTML 3Page - NXP Semiconductors RS1M Datasheet HTML 4Page - NXP Semiconductors RS1M Datasheet HTML 5Page - NXP Semiconductors RS1M Datasheet HTML 6Page - NXP Semiconductors RS1M Datasheet HTML 7Page - NXP Semiconductors RS1M Datasheet HTML 8Page - NXP Semiconductors RS1M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Feb 14
4
Philips Semiconductors
Product specification
SMA fast soft-recovery
controlled avalanche rectifiers
RS1 series
GRAPHICAL DATA
handbook, halfpage
0
40
200
2
1.5
0.5
0
1
80
Ttp (°C)
IF(AV)
(A)
120
160
MCD822
Fig.2
Maximum permissible average forward
current as a function of tie-point
temperature (including losses due to
reverse leakage).
VR =VRRMmax; δ = 0.5; a = 1.57.
handbook, halfpage
200
Tj
(
°C)
0
400
1200
0
MGD483
800
VR (V)
40
DG
J
K
M
80
120
160
Device mounted as shown in Fig.8.
Solid line: Al2O3 printed-circuit board.
Dotted line: epoxy printed-circuit board.
Fig.3
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
3
2
VF (V)
IF
(A)
1
0
MCD791
102
10
1
10−1
10−2
10−3
Fig.4
Forward current as a function of forward
voltage; typical values.
Tj =25 °C.
handbook, halfpage
100
0
20
40
VR (%VRmax)
IR
(
µA)
60
80
102
10
1
10−1
10−2
10−3
MCD803
Tj = 165 °C
Tj = 25 °C
Fig.5
Reverse current as a function of reverse
voltage; typical values.


Similar Part No. - RS1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1M SSE-RS1M Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Nantong Hornby Electron...
RS1M HORNBY-RS1M Datasheet
353Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
RS1M JUXING-RS1M Datasheet
1Mb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
TAITRON Components Inco...
RS1M TAITRON-RS1M Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
UN Semiconducctor INC
RS1M UNSEMI-RS1M Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS1M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG26 PHILIPS-BYG26 Datasheet
60Kb / 12P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com