Electronic Components Datasheet Search |
|
C412C689M1G5TA Datasheet(PDF) 7 Page - Kemet Corporation |
|
C412C689M1G5TA Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 48 page 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 10pF 100 K,M 12 120 K,M 15 150 K,M 18 180 K,M 22 220 K,M 27 270 K,M 33 330 K,M 39 390 K,M 47 470 K,M 56 560 K,M 68 680 K,M 82 820 K,M 100 101 K,M 120 121 K,M 150 151 K,M 180 181 K,M 220 221 K,M 270 271 K,M 330 331 K,M 390 391 K,M 470 471 K,M 560 561 K,M 680 681 K,M 820 821 K,M 1000 102 K,M 1200 122 K,M 1500 152 K,M 1800 182 K,M 2200 222 K,M 2700 272 K,M 3300 332 K,M 3900 392 K,M 4700 472 K,M 5600 562 K,M 6800 682 K,M 8200 822 K,M .010uF 103 K,M .012 123 K,M .015 153 K,M .018 183 K,M .022 223 K,M .027 273 K,M .033 333 K,M .039 393 K,M .047 473 K,M .056 563 K,M .068 683 K,M .082 823 K,M .10 104 K,M .12 124 K,M .15 154 K,M .18 184 K,M .22 224 K,M .27 274 K,M .33 334 K,M .39 394 K,M .47 474 K,M .56 564 K,M .68 684 K,M C440 WVDC WVDC WVDC WVDC WVDC C410 C412 C420 C430 Cap Cap Code Style Cap Tol STABLE TEMPERATURE CHARACTERISTIC – X7R © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 7 CERAMIC CONFORMALLY COATED/AXIAL “AXIMAX” For packaging information, see pages 39 and 41. RATINGS & PART NUMBER REFERENCE |
Similar Part No. - C412C689M1G5TA |
|
Similar Description - C412C689M1G5TA |