Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2421 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA2421
Description  2.45 GHz low voltage RF transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2421 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA2421 Datasheet HTML 3Page - NXP Semiconductors SA2421 Datasheet HTML 4Page - NXP Semiconductors SA2421 Datasheet HTML 5Page - NXP Semiconductors SA2421 Datasheet HTML 6Page - NXP Semiconductors SA2421 Datasheet HTML 7Page - NXP Semiconductors SA2421 Datasheet HTML 8Page - NXP Semiconductors SA2421 Datasheet HTML 9Page - NXP Semiconductors SA2421 Datasheet HTML 10Page - NXP Semiconductors SA2421 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
SA2421
2.45 GHz low voltage RF transceiver
2000 Mar 13
7
17
18
19
20
21
22
23
TEMPERATURE (
°C)
SR02262
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 3.
LNA / Receive Supply Current vs Supply Voltage and
Temperature
12
13
14
15
TEMPERATURE (
°C)
SR02263
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 4.
LNA Gain vs Supply Voltage and Temperature
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
TEMPERATURE (
°C)
SR02264
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 5.
LNA Input IP3 vs Supply Voltage and Temperature
2.8
3.0
3.2
3.4
3.6
3.8
4.0
TEMPERATURE (
°C)
SR02265
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 6.
LNA Noise Figure vs Supply Voltage and
Temperature
8.5
9.5
10.5
11.5
TEMPERATURE (
°C)
SR02266
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 7.
RX Gain vs Supply Voltage and Temperature
1
1.5
2.0
2.5
3.0
TEMPERATURE (
°C)
SR02267
–40
_C0_C25_C70_C85_C
2.7V
3.8V
3.0V
5.5V
Figure 8.
Receive Input IP3 vs Supply Voltage and Temp


Similar Part No. - SA2421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2420 PHILIPS-SA2420 Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
SA2420DH PHILIPS-SA2420DH Datasheet
133Kb / 16P
   Low voltage RF transceiver . 2.45GHz
1997 May 23
More results

Similar Description - SA2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2500HP-RC232 ETC2-RC2500HP-RC232 Datasheet
603Kb / 22P
   2.45 GHz High Power Multi-Channel RF Transceiver Module
logo
Johanson Technology Inc...
2450LP07A0100 JOHANSON-2450LP07A0100 Datasheet
125Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100 JOHANSON-2450LP14C100 Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050E JOHANSON-2450LP15B050E Datasheet
170Kb / 2P
   2.45 GHz Low Pass Filter
2450LP15B050 JOHANSON-2450LP15B050 Datasheet
127Kb / 2P
   2.45 GHz Low Pass Filter
2450LP14C100T JOHANSON-2450LP14C100T Datasheet
111Kb / 2P
   2.45 GHz Low Pass Filter
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
Texas Instruments
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com