Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD860 Datasheet(PDF) 1 Page - Dc Components

Part # SD860
Description  TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SD860 Datasheet(HTML) 1 Page - Dc Components

  SD860 Datasheet HTML 1Page - Dc Components SD860 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SD820
THRU
SD8100
TO-251
Dimensions in inches and (millimeters)
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 100 Volts
CURRENT - 8.0 Amperes
FEATURES
MECHANICAL DATA
* Metal to silicon rectifier majority carrier conduction
* Low power loss, High efficiency
* High current capability
* Low forward voltage drop
* High surge capacity
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC=75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
8.0
100
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current at
Rated DC Blocking Voltage
mAmps
Maximum Instantaneous Forward Voltage at 4.0A DC for "C suffixed",
2.0
50
@TA = 25
oC
@TA = 100
oC
80
700
30
21
30
0.65
Volts
0 C/ W
0 C
SD820
SD830
VF
IR
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
* Mounting position: Any
* Weight: 0.4 grams Approx.
SD840
SD850
SD860
SD880
SD8100
20
14
20
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
0.75
0.85
.284(7.2)
.268(6.8)
.217(5.5)
.205(5.2)
.268(6.8)
.252(6.4)
.256
(6.5)
Min
.035
(0.9)
Max
.032
(0.8)
Max
.181
(4.6)
Typ
.095(2.4)
.087(2.2)
.059(1.5)
.035(0.9)
.024(0.6)
.018(0.4)
.022(0.6)
.018(0.5)
.063(1.6)
.055(1.4)
1
2
3
2
Note : 1. Mounted on PC Board with 14mm2(0.013mm thick) copper pad areas.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
and at 8.0A DC for "Y suffixed" & "no suffix"
no suffix
2
3
2
1
3
"C" suffixed
"Y" suffixed
2
3
1


Similar Part No. - SD860

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD860 DIODES-SD860 Datasheet
58Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS
DS23006 Rev. F-2
SD860 DIODES-SD860 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS
DS23006 Rev. 6 - 2
logo
Micro Commercial Compon...
SD860 MCC-SD860 Datasheet
377Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 100 Volts
SD860 MCC-SD860 Datasheet
394Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
New Jersey Semi-Conduct...
SD860 NJSEMI-SD860 Datasheet
86Kb / 1P
   8.0A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD860

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD520 DCCOM-SD520 Datasheet
248Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD1020 DCCOM-SD1020 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SQ1030 DCCOM-SQ1030 Datasheet
41Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 30 to 100 Volts
SD1020D DCCOM-SD1020D Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD820D DCCOM-SD820D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD1620D DCCOM-SD1620D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SM5817S DCCOM-SM5817S Datasheet
618Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 40 Volts
SK22FL DCCOM-SK22FL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 50 to 100 Volts
DLM103A DCCOM-DLM103A Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLQ103A DCCOM-DLQ103A Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com