Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1210 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BF1210
Description  Dual N-channel dual gate MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1210 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BF1210 Datasheet HTML 5Page - NXP Semiconductors BF1210 Datasheet HTML 6Page - NXP Semiconductors BF1210 Datasheet HTML 7Page - NXP Semiconductors BF1210 Datasheet HTML 8Page - NXP Semiconductors BF1210 Datasheet HTML 9Page - NXP Semiconductors BF1210 Datasheet HTML 10Page - NXP Semiconductors BF1210 Datasheet HTML 11Page - NXP Semiconductors BF1210 Datasheet HTML 12Page - NXP Semiconductors BF1210 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BF1210_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
9 of 21
NXP Semiconductors
BF1210
Dual N-channel dual gate MOSFET
VDS(A) =5V; VGG =5V; ID(nom)(A) =19mA;
RG1(A) =59kΩ; f = 50 MHz; Tamb =25 °C;
see Figure 32.
VDS(A) =5V; VGG =5V; VG2-S(nom) =4V;
RG1(A) =59kΩ; fw = 50 MHz; funw = 60 MHz;
ID(nom)(A) = 19 mA; Tamb =25 °C; see Figure 32.
Fig 10. Amplifier A: typical gain reduction as a function
of the AGC voltage; typical values
Fig 11. Amplifier A: unwanted voltage for 1 %
cross modulation as a function of gain
reduction; typical values
VDS(A) =5V; VGG =5V; VG2-S(nom) =4V; RG1(A) =59kΩ; f = 50 MHz; ID(nom)(A) = 19 mA; Tamb =25 °C; see Figure 32.
Fig 12. Amplifier A: typical drain current as a function of gain reduction; typical values
001aaf484
VAGC (V)
04
3
12
30
20
40
10
0
gain
reduction
(dB)
50
001aaf485
gain reduction (dB)
050
40
20
30
10
90
100
110
Vunw
(dB
µV)
80
001aaf486
gain reduction (dB)
050
40
20
30
10
10
20
30
ID
(mA)
0


Similar Part No. - BF1210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1210 NXP-BF1210 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1210 NXP-BF1210 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1210_2015 JMNIC-BF1210_2015 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com