Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491R225K035AT Datasheet(PDF) 10 Page - Kemet Corporation

Part # T491R225K035AT
Description  Surface Mount Capacitors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491R225K035AT Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T491R225K035AT Datasheet HTML 6Page - Kemet Corporation T491R225K035AT Datasheet HTML 7Page - Kemet Corporation T491R225K035AT Datasheet HTML 8Page - Kemet Corporation T491R225K035AT Datasheet HTML 9Page - Kemet Corporation T491R225K035AT Datasheet HTML 10Page - Kemet Corporation T491R225K035AT Datasheet HTML 11Page - Kemet Corporation T491R225K035AT Datasheet HTML 12Page - Kemet Corporation T491R225K035AT Datasheet HTML 13Page - Kemet Corporation T491R225K035AT Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
SOLID TANTALUM CHIP CAPACITORS
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ESR — Represents the actual ohmic series resis-
tance in series with the capacitance. Lead wires
and capacitor electrodes are contributing sources.
R
L — Capacitor Leakage Resistance. Typically it
can reach 50,000 megohms in a tantalum capaci-
tor. It can exceed 10
12 ohms in monolithic ceram-
ics and in film capacitors.
R
d — The dielectric loss contributed by dielectric
absorption and molecular polarization. It becomes
very significant in high frequency measurements
and applications. Its value varies with frequency.
C
d — The inherent dielectric absorption of the
solid tantalum capacitor which typically equates to
1-2% of the applied voltage.
As frequency increases, X
C continues to decrease
according to its equation above. There is unavoid-
able inductance as well as resistance in all capaci-
tors, and at some point in frequency, the reac-
tance ceases to be capacitive and becomes
inductive. This frequency is called the self-reso-
nant point. In solid tantalum capacitors, the reso-
nance is damped by the ESR, and a smooth,
rather than abrupt, transition from capacitive to
inductive reactance follows.
Typical ESR/Z frequency response curves are
shown in Figures 9a and 9b. These curves are
for selected ratings and represent typical T491
Series performance. Maximum limits for 100 kHz
ESR are listed in the part number tables for
each series. Note that the T494 Series offers low
ESR and the T495 Series is specially designed
for very low ESR performance. Refer to page 31
for more information. See also KEMET’s T510
Series low ESR ratings on page 40.
8
TANTALUM MnO
2 COMPONENT PERFORMANCE CHARACTERISTICS (con’t.)
FIGURE 7a
Total Impedance of the Capacitor Below
Resonance
FIGURE 7b Total Impedance of the Capacitor Above
Resonance
To understand the many elements of a capaci-
tor, see Figure 8.
X
C =
1 ohm
2 fC
where:
f = frequency, Hertz
C = capacitance, Farad
X
L = 2
fL
where:
f = frequency, Hertz
L = inductance, Henries
A capacitor is a complex impedance consisting of
many series and parallel elements, each adding
to the complexity of the measurement system.
ESL — Represents lead wire and construction
inductance. In most instances (especially in solid
tantalum and monolithic ceramic capacitors) it is
insignificant at the basic measurement frequen-
cies of 120 and 1000 Hz.
FIGURE 8
The Real Capacitor
ESL
ESR
C
RL
Cd
Rd
FIGURE 9a ESR & Impedance (Z) vs Frequency


Similar Part No. - T491R225K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491R225020A KEMET-T491R225020A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491R225K035AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com