Electronic Components Datasheet Search |
|
T498C226M010ATE1K5 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T498C226M010ATE1K5 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 5 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 SOLID TANTALUM CHIP CAPACITORS T498 SERIES—HIGH TEMPERATURE (150°) T498 RATINGS & PART NUMBER REFERENCE LAND PATTERN DIMENSIONS FOR REFLOW SOLDER KEMET/ EIA Size Code Pad Dimensions Z G X Y (Ref) C (Ref) A/3216-18 4.70 0.80 1.50 1.95 2.75 B/3528-21 5.00 1.10 2.50 1.95 3.05 C/6032-28 7.60 2.50 2.50 2.55 5.05 D/7343-31 8.90 3.80 2.70 2.55 6.35 X/7343-43 8.90 3.80 4.40 2.55 6.35 Case Codes Tape & Reel Dimensions KEMET EIA Tape Width (mm) Pitch mm ± 0.1 Reel Quantity Part Sprocket 180mm (7”) 330mm (13”) A 3216-18 8 ± 0.3 8 4 2000 9000 B 3528-21 8 ± 0.3 8 4 2000 8000 C 6032-28 12 ± 0.3 8 4 500 3000 D 7343-31 12 ± 0.3 8 4 500 2500 X 7343-43 12 ± 0.3 8 4 500 2000 PACKAGING SPECIFICATIONS COMPONENT MARKING 227 10K 525 Polarity Indicator (+) Picofarad Code Rated Voltage Print Week Code 1st Digit = Year 2nd & 3rd Digits = Week “525” = 25th Week of 2005 KEMET ID (HT) KEMET High Temp (1) To complete KEMET part number, insert K - ± 10% or M - ±20% capacitance tolerance. (2) To complete KEMET part number, insert T for 100% tin, H for Sn/Pb or G for gold. ** 6 volt product equivalent to 6.3 volt product. Note: Higher voltage ratings, lower ESR and tighter capacitance tolerance product may be substituted within the same size at KEMET’s option. Voltage substitutions will be marked with the higher voltage rating. C X Grid Placement Courtyard G Y Z Capaci- tance µF Case Size KEMET Part Number DC Leakage μA @ 25ºC Max DF % @ +25ºC 120 Hz Max ESR Ω @ +25°C 100 kHz Max 10.0 B T498B106(1)006A(2)E2K1 0.7 6.0 2.1 15.0 B T498B156(1)006A(2)E1K8 1.0 6.0 1.8 22.0 C T498C226(1)006A(2)E1K3 1.4 6.0 1.3 33.0 B T498B336(1)006A(2)E1K7 2.1 6.0 1.7 47.0 C T498C476(1)006A(2)E800 3.0 6.0 0.8 100.0 D T498D107(1)006A(2)E600 6.3 8.0 0.6 2.2 A T498A225(1)010A(2)E4K6 0.5 6.0 4.6 3.3 A T498A335(1)010A(2)E3K6 0.5 6.0 3.6 4.7 A T498A475(1)010A(2)E2K9 0.5 6.0 2.9 4.7 B T498B475(1)010A(2)E2K7 0.5 6.0 2.7 10.0 B T498B106(1)010A(2)E1K8 1.0 6.0 1.8 15.0 B T498B156(1)010A(2)E1K5 1.5 6.0 1.5 15.0 C T498C156(1)010A(2)E1K8 1.5 6.0 1.8 22.0 B T498B226(1)010A(2)E1K5 2.2 6.0 1.5 22.0 C T498C226(1)010A(2)E1K1 2.2 6.0 1.1 47.0 D T498D476(1)010A(2)E600 4.7 6.0 0.6 100.0 D T498D107(1)010A(2)E600 10.0 8.0 0.6 220.0 X T498X227(1)010A(2)E500 22.0 8.0 0.5 1.0 A T498A105(1)016A(2)E6K5 0.5 4.0 6.5 3.3 A T498A335(1)016A(2)E3K4 0.5 6.0 3.4 4.7 B T498B475(1)016A(2)E2K1 0.8 6.0 2.1 6.8 A T498A685(1)016A(2)E2K6 1.1 6.0 2.6 6.8 B T498B685(1)016A(2)E1K8 1.1 6.0 1.8 10.0 B T498B106(1)016A(2)E2K8 1.6 6.0 2.8 10.0 C T498C106(1)016A(2)E1K4 1.6 6.0 1.4 15.0 C T498C156(1)016A(2)E1K1 2.4 6.0 1.1 22.0 C T498C226(1)016A(2)E1K0 3.6 6.0 1.0 33.0 D T498D336(1)016A(2)E600 5.3 6.0 0.6 47.0 D T498D476(1)016A(2)E600 7.5 6.0 0.6 68.0 D T498D686(1)016A(2)E600 10.8 6.0 0.6 100.0 X T498X107(1)016A(2)E100 16.0 8.0 0.1 1.0 A T498A105(1)020A(2)E5K9 0.5 4.0 5.9 10.0 C T498C106(1)020A(2)E1K1 2.0 6.0 1.1 0.47 A T498A474(1)025A(2)E8K5 0.5 4.0 8.5 2.2 B T498B225(1)025A(2)E3K0 0.6 6.0 3.0 10.0 C T498C106(1)025A(2)E1K1 2.5 6.0 1.1 15.0 D T498D156(1)025A(2)E700 3.8 6.0 0.7 22.0 D T498D226(1)025A(2)E600 5.5 6.0 0.6 33.0 D T498D336(1)025A(2)E600 8.3 6.0 0.6 0.33 A T498A334(1)035A(2)E11K 0.5 4.0 11.0 1.0 A T498A105(1)035A(2)E10K 0.5 4.0 10.0 1.5 C T498C155(1)035A(2)E3K3 0.5 6.0 3.3 3.3 C T498C335(1)035A(2)E1K7 1.2 6.0 1.7 6.8 D T498D685(1)035A(2)E900 2.4 6.0 0.9 10.0 D T498D106(1)035A(20E700 3.5 6.0 0.7 22.0 X T498X226(1)035A(2)E500 7.7 6.0 0.5 33.0 X T498X336(1)035A(2)E500 11.6 6.0 0.5 3.3 D T498D335(1)050A(2)E1K1 1.7 6.0 1.1 10.0 D T498D106(1)050A(2)E1K0 5.0 6.0 1.0 25 Volt Rating at +85ºC (17 Volt Rating at +150ºC) 35 Volt Rating at +85ºC (24 Volt Rating at +150ºC) 50 Volt Rating at +85ºC (34 Volt Rating at +150ºC) **6 Volt Rating at +85ºC ( 4 Volt Rating at +150ºC) 10 Volt Rating at +85ºC ( 7 Volt Rating at +150ºC) 16 Volt Rating at +85ºC (11 Volt Rating at +150ºC) 20 Volt Rating at +85ºC (13 Volt Rating at +150ºC) |
Similar Part No. - T498C226M010ATE1K5 |
|
Similar Description - T498C226M010ATE1K5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |