Electronic Components Datasheet Search |
|
T493B227M006AC6110 Datasheet(PDF) 3 Page - Kemet Corporation |
|
T493B227M006AC6110 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 8 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 24 T493 RATINGS AND PART NUMBER REFERENCE SOLID TANTALUM CHIP CAPACITORS T493 SERIES—Military COTS (1) To complete KEMET part number, insert M for ±20% or K for ±10% capacitance tolerance. To request ±5% tolerance,contact KEMET sales representative. (2) To complete KEMET part number, insert A for Non-ER; B for 0.1%/1000 Hrs.; or C for 0.01%/1000 Hrs. Reliability Level. (3) To complete KEMET part number, insert B for Gold Plated (50 µ inch minimum); C for Hot Solder Dipped (60 µ inch minimum); H for Solder Plated (100 µ inch minimum); K for Solder Fused (60 μ inch minimum Termination Finish or T for 100% Tin. (4) To complete KEMET part number for Surge Current testing, insert 61 for none; 62 for 10 cycles +25°C; or 64 for 10 cycles, -55°C & +85°C. (5) To complete KEMET part number, insert 10 for Standard ESR; 20 for Low ESR or 30 for Ultra-low ESR Option. * Extended Values #Maximum Capacitance Change @ 125°C = +15% Capaci- tance µF Case Size KEMET Part Number DCL µA @ 25ºC Max DF % @ +25ºC 120 Hz Max Std. ESR Ohms @+25°C 100 kHz Max Low ESR Ohms @+25°C 100 kHz Max Ultra-Low ESR, Ohms @+25°C 100 kHz Max 33.0 B T493B336(1)006(2)(3)(4)(5) 2.0 6.0 3.0 0.6 N/A 33.0 C T493C336(1)006(2)(3)(4)(5) 2.0 6.0 1.8 0.3 N/A 47.0 B T493B476(1)006(2)(3)(4)(5) 2.9 6.0 3.5 2.0 N/A 47.0 C T493C476(1)006(2)(3)(4)(5) 2.9 6.0 1.6 0.25 0.25 47.0 D T493D476(1)006(2)(3)(4)(5) 2.9 6.0 0.8 0.22 N/A 68.0 B T493B686(1)006(2)(3)(4)(5) 4.1 8.0 1.0 0.65 N/A 68.0 C T493C686(1)006(2)(3)(4)(5) 4.1 6.0 1.2 0.2 N/A 68.0 D T493D686(1)006(2)(3)(4)(5) 4.1 6.0 0.8 0.2 0.18 #100.0 B T493B107(1)006(2)(3)(4)(5) 6.3 15.0 10.0 8.0 0.70 100.0 C T493C107(1)006(2)(3)(4)(5) 6.0 8.0 1.2 0.3 0.15 100.0 D T493D107(1)006(2)(3)(4)(5) 6.0 8.0 0.8 0.15 N/A #150.0 C T493C157(1)006(2)(3)(4)(5) 9.0 8.0 1.2 0.3 0.20 150.0 D T493D157(1)006(2)(3)(4)(5) 9.0 8.0 0.7 0.15 N/A #220.0 C T493C227(1)006(2)(3)(4)(5) 13.2 10.0 1.2 0.3 0.23 220.0 D T493D227(1)006(2)(3)(4)(5) 13.2 8.0 0.7 0.1 0.10 220.0 X T493X227(1)006(2)(3)(4)(5) 13.2 8.0 0.7 0.15 0.07 330.0 D T493D337(1)006(2)(3)(4)(5) 19.8 8.0 0.5 0.15 0.10 330.0 X T493X337(1)006(2)(3)(4)(5) 19.8 8.0 0.5 0.1 0.07 1.0 A T493A105(1)010(2)(3)(4)(5) 0.5 4.0 10.0 6.0 N/A 1.5 A T493A155(1)010(2)(3)(4)(5) 0.5 6.0 8.0 6.0 N/A 2.2 A T493A225(1)010(2)(3)(4)(5) 0.5 6.0 8.0 6.0 N/A 3.3 A T493A335(1)010(2)(3)(4)(5) 0.5 6.0 6.0 4.0 N/A 3.3 B T493B335(1)010(2)(3)(4)(5) 0.5 6.0 5.5 3.5 N/A 4.7 A T493A475(1)010(2)(3)(4)(5) 0.5 6.0 6.0 3.0 N/A 4.7 B T493B475(1)010(2)(3)(4)(5) 0.5 6.0 3.5 1.5 1.3 6.8 A T493A685(1)010(2)(3)(4)(5) 0.7 6.0 6.0 3.0 N/A 6.8 B T493B685(1)010(2)(3)(4)(5) 0.7 6.0 3.5 1.2 0.90 10.0 A T493A106(1)010(2)(3)(4)(5) 1.0 6.0 4.0 1.8 N/A 10.0 B T493B106(1)010(2)(3)(4)(5) 1.0 6.0 3.5 0.8 0.75 10.0 C T493C106(1)010(2)(3)(4)(5) 1.0 6.0 1.8 0.6 N/A #15.0 A T493A156(1)010(2)(3)(4)(5) 1.5 8.0 6.0 4.0 3.2 15.0 B T493B156(1)010(2)(3)(4)(5) 1.5 6.0 3.5 0.7 N/A 15.0 C T493C156(1)010(2)(3)(4)(5) 1.5 6.0 1.8 0.5 0.48 22.0 B T493B226(1)010(2)(3)(4)(5) 2.2 6.0 3.0 0.7 N/A 22.0 C T493C226(1)010(2)(3)(4)(5) 2.2 6.0 1.8 0.4 0.29 33.0 B T493B336(1)010(2)(3)(4)(5) 3.3 6.0 3.5 2.0 N/A 33.0 C T493C336(1)010(2)(3)(4)(5) 3.3 6.0 1.6 0.3 N/A 33.0 D T493D336(1)010(2)(3)(4)(5) 3.3 6.0 0.8 0.3 N/A 47.0 C T493C476(1)010(2)(3)(4)(5) 4.7 6.0 1.2 0.3 N/A 47.0 D T493D476(1)010(2)(3)(4)(5) 4.7 6.0 0.8 0.2 0.08 68.0 C T493C686(1)010(2)(3)(4)(5) 6.8 6.0 1.2 0.3 0.23 68.0 D T493D686(1)010(2)(3)(4)(5) 6.8 6.0 0.8 0.2 0.09 68.0 X T493X686(1)010(2)(3)(4)(5) 5.4 4.0 0.5 0.15 0.15 #100.0 C T493C107(1)010(2)(3)(4)(5) 10.0 8.0 1.2 0.3 N/A 100.0 D T493D107(1)010(2)(3)(4)(5) 10.0 8.0 0.7 0.1 0.08 150.0 D T493D157(1)010(2)(3)(4)(5) 15.0 8.0 0.7 0.1 0.08 150.0 X T493X157(1)010(2)(3)(4)(5) 15.0 8.0 0.7 0.2 0.09 #220.0 D T493D227(1)010(2)(3)(4)(5) 22.0 8.0 0.5 0.2 0.08 220.0 X T493X227(1)010(2)(3)(4)(5) 22.0 8.0 0.5 0.1 0.05 330.0 X T493X337(1)010(2)(3)(4)(5) 33.0 10.0 0.5 0.1 0.05 0.68 A T493A684(1)016(2)(3)(4)(5) 1.1 6.0 12.0 8.0 N/A 1.0 A T493A105(1)016(2)(3)(4)(5) 0.5 4.0 10.0 6.0 N/A 1.5 A T493A155(1)016(2)(3)(4)(5) 0.5 6.0 8.0 6.0 N/A 2.2 A T493A225(1)016(2)(3)(4)(5) 0.5 6.0 6.0 4.0 N/A 3.3 A T493A335(1)016(2)(3)(4)(5) 0.5 6.0 6.0 3.5 N/A 3.3 B T493B335(1)016(2)(3)(4)(5) 0.5 6.0 3.5 2.0 N/A 4.7 A T493A475(1)016(2)(3)(4)(5) 0.8 6.0 6.0 3.0 N/A 4.7 B T493B475(1)016(2)(3)(4)(5) 0.8 6.0 3.5 1.5 N/A #6.8 A T493A685(1)016(2)(3)(4)(5) 1.1 6.0 7.0 3.0 N/A 6.8 B T493B685(1)016(2)(3)(4)(5) 1.1 6.0 3.5 1.2 N/A 6.8 C T493C685(1)016(2)(3)(4)(5) 1.1 6.0 1.9 0.8 0.75 10.0 B T493B106(1)016(2)(3)(4)(5) 1.6 6.0 3.5 0.8 N/A 10.0 C T493C106(1)016(2)(3)(4)(5) 1.6 6.0 1.8 0.6 N/A #15.0 B T493B156(1)016(2)(3)(4)(5) 2.4 6.0 3.0 0.8 0.80 15.0 C T493C156(1)016(2)(3)(4)(5) 2.4 6.0 1.8 0.4 N/A #22.0 B T493B226(1)016(2)(3)(4)(5) 3.5 6.0 2.2 0.8 N/A 22.0 C T493C226(1)016(2)(3)(4)(5) 3.6 6.0 1.6 0.4 N/A 22.0 D T493D226(1)016(2)(3)(4)(5) 3.6 6.0 0.8 0.3 N/A 6 Volt Rating at +85ºC (4 Volt Rating at +125ºC) cont. 16 Volt Rating at +85ºC (10 Volt Rating at +125ºC) |
Similar Part No. - T493B227M006AC6110 |
|
Similar Description - T493B227M006AC6110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |