Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494B105M035AS Datasheet(PDF) 3 Page - Kemet Corporation

Part # T494B105M035AS
Description  SOLID TANTALUM CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494B105M035AS Datasheet(HTML) 3 Page - Kemet Corporation

  T494B105M035AS Datasheet HTML 1Page - Kemet Corporation T494B105M035AS Datasheet HTML 2Page - Kemet Corporation T494B105M035AS Datasheet HTML 3Page - Kemet Corporation T494B105M035AS Datasheet HTML 4Page - Kemet Corporation T494B105M035AS Datasheet HTML 5Page - Kemet Corporation T494B105M035AS Datasheet HTML 6Page - Kemet Corporation T494B105M035AS Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
29
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES—Low ESR, Industrial Grade
T494 RATINGS & PART NUMBER REFERENCE
(1)
To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
(2)
To complete KEMET Part Number, insert S, H, G, or T lead material designation as shown on page 27.
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET’s option.
Voltage substitutions will be marked with the higher voltage rating.
(2)
47.0
12.0
0.10
1.0
A
T494A105(1)016A(2)
0.5
4.0
6.0
1.5
A
T494A155(1)016A(2)
0.5
6.0
6.0
2.2
A
T494A225(1)016A(2)
0.5
6.0
4.0
2.2
*S
T494S225(1)016A(2)
0.5
6.0
10.0
#2.2
*R
T494R225(1)016A(2)
0.5
8.0
20.0
3.3
B
T494B335(1)016A(2)
0.5
6.0
2.0
3.3
A
T494A335(1)016A(2)
0.5
6.0
4.0
4.7
B
T494B475(1)016A(2)
0.8
6.0
1.5
4.7
A
T494A475(1)016A(2)
0.8
6.0
3.0
4.7
T
T494T475(1)016A(2)
0.8
6.0
3.0
6.8
C
T494C685(1)016A(2)
1.1
6.0
0.8
6.8
B
T494B685(1)016A(2)
1.1
6.0
1.2
#6.8
*A
T494A685(1)016A(2)
1.1
6.0
3.0
10.0
C
T494C106(1)016A(2)
1.6
6.0
0.6
10.0
U
T494U106(1)016A(2)
1.6
6.0
1.0
10.0
B
T494B106(1)016A(2)
1.6
6.0
0.8
#10.0
*A
T494A106(1)016A(2)
1.6
8.0
3.0
#10.0
*T
T494T106(1)016A(2)
1.6
8.0
6.0
15.0
C
T494C156(1)016A(2)
2.4
6.0
0.4
15.0
U
T494U156(1)016A(2)
2.4
6.0
0.8
#15.0
*B
T494B156(1)016A(2)
2.4
6.0
0.8
22.0
D
T494D226(1)016A(2)
3.6
6.0
0.25
22.0
C
T494C226(1)016A(2)
3.6
6.0
0.35
#22.0
*U
T494U226(1)016A(2)
3.6
10.0
1.80
#22.0
*B
T494B226(1)016A(2)
3.6
6.0
1.00
33.0
D
T494D336(1)016A(2)
5.3
6.0
0.25
#33.0
*C
T494C336(1)016A(2)
5.3
6.0
0.30
#33.0
*U
T494U336(1)016A(2)
5.3
12.0
2.20
47.0
D
T494D476(1)016A(2)
7.5
6.0
0.2
47.0
V
T494V476(1)016A(2)
7.5
6.0
0.3
#47.0
*C
T494C476(1)016A(2)
7.5
6.0
0.5
68.0
*D
T494D686(1)016A(2)
10.9
6.0
0.15
#68.0
*V
T494V686(1)016A(2)
(1)020A(2)
4.4
6.0
0.4
33.0
D
T494D336(1)020A(2)
6.6
6.0
0.25
#33.0
*C
T494C336M020A(2)
6.6
6.0
0.40
†33.0
V
T494V336(1)020A(2)
6.6
8.0
0.40
47.0
C
T494C476M020A(2)
9.4
10.0
0.80
47.0
*D
T494D476(1)020A(2)
9.4
6.0
0.20
68.0
X
T494X686(1)020A(2)
13.6
6.0
0.20
#68.0
*D
T494D686(1)020A(2)
13.6
8.0
0.20
#100.0
*X
T494X107(1)020A(2)
20.0
8.0
0.15
#100.0
*E
T494E107(1)020A(2)
20.0
8.0
0.30
#150.0
*X
T494X157(1)020A(2)
30.0
10.0
0.30
0.33
A
T494A334(1)025A(2)
0.5
4.0
10.0
0.47
A
T494A474(1)025A(2)
0.5
4.0
9.0
0.68
A
T494A684(1)025A(2)
0.5
4.0
6.0
1.0
B
T494B105(1)025A(2)
0.5
4.0
2.0
1.0
*A
T494A105(1)025A(2)
0.5
4.0
4.0
1.5
B
T494B155(1)025A(2)
0.5
6.0
1.5
1.5
*A
T494A155(1)025A(2)
0.5
6.0
3.0
2.2
C
T494C225(1)025A(2)
0.6
6.0
2.2
2.2
B
T494B225(1)025A(2)
0.6
6.0
1.2
3.3
C
T494C335(1)025A(2)
0.9
6.0
1.2
3.3
*B
T494B335(1)025A(2)
0.9
6.0
2.0
4.7
C
T494C475(1)025A(2)
1.2
6.0
0.6
#4.7
*B
T494B475(1)025A(2)
1.2
6.0
1.0
#4.7
*A
T494A475M025A(2)
1.2
8.0
3.0
6.8
C
T494C685(1)025A(2)
1.7
6.0
0.6
6.8
*B
T494B685(1)025A(2)
1.7
8.0
2.0
10.0
D
T494D106(1)025A(2)
2.5
6.0
0.4
10.0
*C
T494C106(1)025A(2)
2.5
6.0
0.6
15.0
D
T494D156(1)025A(2)
3.8
6.0
0.35
#15.0
*C
T494C156(1)025A(2)
3.8
6.0
0.90
22.0
D
T494D226(1)025A(2)
5.5
6.0
0.3
22.0
*C
T494C226(1)025A(2)
5.5
6.0
1.0
22.0
*V
T494V226(1)025A(2)
5.5
6.0
0.5
33.0
X
T494X336(1)025A(2)
8.3
6.0
0.3
#33.0
*D
T494D336(1)025A(2)
8.3
6.0
0.4
#33.0
*C
T494C336(1)025A(2)
8.3
10.0
1.0
#47.0
*X
T494X476(1)025A(2)
11.8
6.0
0.3
†47.0
*D
T494D476(1)025A(2)
11.8
10.0
0.2
†68.0
*X
T494X686M025A(2)
17.0
8.0
0.3
†68.0
*D
T494D686M025A(2)
17.0
10.0
0.5
†100.0
*X
T494X107M025A(2)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @ 25°C
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25ºC
100 kHz
Max
22.0
C
T494C226(1)010A(2)
2.2
6.0
0.4
22.0
U
T494U226(1)010A(2)
2.2
6.0
0.8
#22.0
B
T494B226(1)010A(2)
2.2
6.0
0.7
#22.0
A
T494A226M010A(2)
2.2
10.0
4.5
#22.0
T
T494T226M010A(2)
2.2
12.0
6.0
33.0
D
T494D336(1)010A(2)
3.3
6.0
0.25
33.0
V
T494V336(1)010A(2)
3.3
6.0
0.30
33.0
C
T494C336(1)010A(2)
3.3
6.0
0.30
#33.0
U
T494U336(1)010A(2)
3.3
6.0
0.60
#33.0
B
T494B336(1)010A(2)
3.3
6.0
1.40
47.0
D
T494D476(1)010A(2)
4.7
6.0
0.22
47.0
V
T494V476(1)010A(2)
4.7
6.0
0.30
#47.0
C
T494C476(1)010A(2)
4.7
6.0
0.30
#47.0
U
T494U476(1)010A(2)
4.7
10.0
1.20
#47.0
B
T494B476M010A(2)
4.7
8.0
0.65
68.0
D
T494D686(1)010A(2)
6.8
6.0
0.20
#68.0
C
T494C686(1)010A(2)
6.8
6.0
0.30
68.0
V
T494V686(1)010A(2)
6.8
6.0
0.30
#68.0
U
T494U686M010A(2)
6.8
10.0
1.20
#68.0
B
T494B686M010A(2)
6.8
10.0
1.50
100.0
D
T494D107(1)010A(2)
10.0
8.0
0.15
#100.0
C
T494C107(1)010A(2)
10.0
8.0
0.20
#100.0
V
T494V107(1)010A(2)
10.0
8.0
0.40
150.0
X
T494X157(1)010A(2)
15.0
8.0
0.15
#150.0
D
T494D157(1)010A(2)
15.0
8.0
0.15
#150.0
C
T494C157(1)010A(2)
15.0
10.0
0.70
#150.0
V
T494V157M010A(2)
15.0
8.0
0.30
#220.0
X
T494X227(1)010A(2)
22.0
8.0
0.15
#220.0
D
T494D227(1)010A(2)
22.0
8.0
0.15
#220.0
V
T494V227(1)010A(2)
22.0
12.0
0.50
#330.0
X
T494X337(1)010A(2)
33.0
10.0
0.10
#330.0
D
T494D337M010A(2)
33.0
10.0
0.15
#330.0
E
T494E337(1)010A(2)
33.0
10.0
0.25
#470.0
X
T494X477(1)010A(2)
47.0
10.0
0.10
#470.0
E
T494E477M010A(2)
47.0
12.0
0.10
1.0
A
T494A105(1)016A(2)
0.5
4.0
6.0
1.5
A
T494A155(1)016A(2)
0.5
6.0
6.0
2.2
A
T494A225(1)016A(2)
0.5
6.0
4.0
2.2
S
T494S225(1)016A(2)
0.5
6.0
10.0
#2.2
R
T494R225(1)016A(2)
0.5
8.0
20.0
3.3
B
T494B335(1)016A(2)
0.5
6.0
2.0
3.3
A
T494A335(1)016A(2)
0.5
6.0
4.0
4.7
B
T494B475(1)016A(2)
0.8
6.0
1.5
4.7
A
T494A475(1)016A(2)
0.8
6.0
3.0
4.7
T
T494T475(1)016A(2)
0.8
6.0
3.0
6.8
C
T494C685(1)016A(2)
1.1
6.0
0.8
6.8
B
T494B685(1)016A(2)
1.1
6.0
1.2
#6.8
A
T494A685(1)016A(2)
1.1
6.0
3.0
10.0
C
T494C106(1)016A(2)
1.6
6.0
0.6
10.0
U
T494U106(1)016A(2)
1.6
6.0
1.0
10.0
B
T494B106(1)016A(2)
1.6
6.0
0.8
#10.0
A
T494A106(1)016A(2)
1.6
8.0
3.0
#10.0
T
T494T106(1)016A(2)
1.6
8.0
6.0
15.0
C
T494C156(1)016A(2)
2.4
6.0
0.4
15.0
U
T494U156(1)016A(2)
2.4
6.0
0.8
#15.0
B
T494B156(1)016A(2)
2.4
6.0
0.8
22.0
D
T494D226(1)016A(2)
3.6
6.0
0.25
22.0
C
T494C226(1)016A(2)
3.6
6.0
0.35
#22.0
U
T494U226(1)016A(2)
3.6
10.0
1.80
#22.0
B
T494B226(1)016A(2)
3.6
6.0
1.00
33.0
D
T494D336(1)016A(2)
5.3
6.0
0.25
#33.0
C
T494C336(1)016A(2)
5.3
6.0
0.30
#33.0
U
T494U336(1)016A(2)
5.3
12.0
2.20
47.0
D
T494D476(1)016A(2)
7.5
6.0
0.2
47.0
V
T494V476(1)016A(2)
7.5
6.0
0.3
#47.0
C
T494C476(1)016A(2)
7.5
6.0
0.5
68.0
D
T494D686(1)016A(2)
10.9
6.0
0.15
#68.0
V
T494V686(1)016A(2)
10.9
6.0
0.5
10 Volt Rating at +85ºC (7 Volt Rating at +125ºC)
16 Volt Rating at +85ºC (10 Volt Rating at + 125ºC)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @ 25°C
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25ºC
100 kHz
Max
100.0
X
T494X107(1)016A(2)
16.0
8.0
0.15
#100.0
D
T494D107(1)016A(2)
16.0
8.0
0.15
†100.0
V
T494V107(1)016A(2)
16.0
12.0
0.5
#150.0
X
T494X157(1)016A(2)
24.0
8.0
0.15
#150.0
D
T494D157(1)016A(2)
24.0
12.0
0.4
#220.0
X
T494X227(1)016A(2)
35.2
10.0
0.4
#220.0
E
T494E227(1)016A(2)
35.2
7.2
0.5
0.68
A
T494A684(1)020A(2)
0.5
4.0
8.0
1.0
A
T494A105(1)020A(2)
0.5
4.0
5.5
1.0
S
T494S105(1)020A(2)
0.5
6.0
10.0
†1.0
R
T494R105(1)020A(2)
0.2
6.0
15.0
1.5
A
T494A155(1)020AS(2)
0.5
6.0
4.5
1.5
S
T494S155(1)020A(2)
0.5
6.0
9.0
2.2
B
T494B225(1)020A(2)
0.5
6.0
1.5
2.2
A
T494A225(1)020A(2)
0.5
6.0
4.0
3.3
B
T494B335(1)020A(2)
0.7
6.0
1.3
#3.3
A
T494A335(1)020A(2)
0.7
6.0
4.0
3.3
T
T494T335(1)020A(2)
0.7
6.0
4.0
4.7
C
T494C475(1)020A(2)
1.0
6.0
0.6
4.7
B
T494B475(1)020A(2)
1.0
6.0
1.0
#4.7
A
T494A475(1)020A(2)
1.0
6.0
3.0
6.8
C
T494C685(1)020A(2)
1.4
6.0
0.6
6.8
U
T494U685(1)020A(2)
1.4
6.0
1.4
#6.8
B
T494B685(1)020A(2)
1.4
6.0
1.0
#6.8
A
T494A685M020A(2)
1.4
8.0
3.0
10.0
C
T494C106(1)020A(2)
2.0
6.0
0.5
10.0
U
T494U106(1)020A(2)
2.0
6.0
0.8
#10.0
B
T494B106(1)020A(2)
2.0
6.0
1.0
15.0
D
T494D156(1)020A(2)
3.0
6.0
0.35
15.0
C
T494C156(1)020A(2)
3.0
6.0
0.40
22.0
D
T494D226(1)020A(2)
4.4
6.0
0.3
22.0
V
T494V226(1)020A(2)
4.4
6.0
0.4
#22.0
C
T494C226(1)020A(2)
4.4
6.0
0.4
33.0
D
T494D336(1)020A(2)
6.6
6.0
0.25
#33.0
C
T494C336M020A(2)
6.6
6.0
0.40
†33.0
V
T494V336(1)020A(2)
6.6
8.0
0.40
47.0
C
T494C476M020A(2)
9.4
10.0
0.80
47.0
D
T494D476(1)020A(2)
9.4
6.0
0.20
68.0
X
T494X686(1)020A(2)
13.6
6.0
0.20
#68.0
D
T494D686(1)020A(2)
13.6
8.0
0.20
#100.0
X
T494X107(1)020A(2)
20.0
8.0
0.15
#100.0
E
T494E107(1)020A(2)
20.0
8.0
0.30
#150.0
X
T494X157(1)020A(2)
30.0
10.0
0.30
0.33
A
T494A334(1)025A(2)
0.5
4.0
10.0
0.47
A
T494A474(1)025A(2)
0.5
4.0
9.0
0.68
A
T494A684(1)025A(2)
0.5
4.0
6.0
1.0
B
T494B105(1)025A(2)
0.5
4.0
2.0
1.0
A
T494A105(1)025A(2)
0.5
4.0
4.0
1.5
B
T494B155(1)025A(2)
0.5
6.0
1.5
1.5
A
T494A155(1)025A(2)
0.5
6.0
3.0
2.2
C
T494C225(1)025A(2)
0.6
6.0
2.2
2.2
B
T494B225(1)025A(2)
0.6
6.0
1.2
3.3
C
T494C335(1)025A(2)
0.9
6.0
1.2
3.3
B
T494B335(1)025A(2)
0.9
6.0
2.0
4.7
C
T494C475(1)025A(2)
1.2
6.0
0.6
#4.7
B
T494B475(1)025A(2)
1.2
6.0
1.0
#4.7
A
T494A475M025A(2)
1.2
8.0
3.0
6.8
C
T494C685(1)025A(2)
1.7
6.0
0.6
6.8
B
T494B685(1)025A(2)
1.7
8.0
2.0
10.0
D
T494D106(1)025A(2)
2.5
6.0
0.4
10.0
C
T494C106(1)025A(2)
2.5
6.0
0.6
15.0
D
T494D156(1)025A(2)
3.8
6.0
0.35
#15.0
C
T494C156(1)025A(2)
3.8
6.0
0.90
22.0
D
T494D226(1)025A(2)
5.5
6.0
0.3
22.0
C
T494C226(1)025A(2)
5.5
6.0
1.0
22.0
V
T494V226(1)025A(2)
5.5
6.0
0.5
33.0
X
T494X336(1)025A(2)
8.3
6.0
0.3
#33.0
D
T494D336(1)025A(2)
8.3
6.0
0.4
#33.0
C
T494C336(1)025A(2)
8.3
10.0
1.0
#47.0
X
T494X476(1)025A(2)
11.8
6.0
0.3
†47.0
D
T494D476(1)025A(2)
11.8
10.0
0.2
†68.0
X
T494X686M025A(2)
17.0
8.0
0.3
†68.0
D
T494D686M025A(2)
17.0
10.0
0.5
†100.0
X
T494X107M025A(2)
25.0
8.0
0.25
16 Volt Rating at +85ºC (10 Volt Rating at + 125ºC)
20 Volt Rating at +85ºC (13 Volt Rating at +125ºC)
25 Volt Rating at +85ºC (17 Volt Rating at +125ºC)


Similar Part No. - T494B105M035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B105M035AS KEMET-T494B105M035AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494B105M035AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com