Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495A107M010AHSE1K5 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T495A107M010AHSE1K5
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495A107M010AHSE1K5 Datasheet(HTML) 5 Page - Kemet Corporation

  T495A107M010AHSE1K5 Datasheet HTML 1Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 2Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 3Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 4Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 5Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 6Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 7Page - Kemet Corporation T495A107M010AHSE1K5 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
35
SOLID TANTALUM CHIP CAPACITORS
T495 SERIES—Low ESR, Surge Robust
Note that standard values are preferred, especially where high surge currents are possible.
Extended values are available to increase capacitance and reduce ESR. Note that standard
CV values demonstrate inherently lower failure rates than extended CV values, especially in
low impedance applications.
T495 TANTALUM CHIP CAPACITANCE VALUES
Case Size and Max. ESR (m
Ω
Ω) by Capacitance & Voltage
Standard Capacitance V alues
Note that standard values are preferred, especially where high surge currents are possible.Extended values
are available to increase capacitance and reduce ESR. Note that standard CV values demonstrate inherently
lower failure rates than extended CV values, especially in low impedance applications.
D
D,100,150,200
D,90,100
D,225,300
X,175
D,300
X,175,250
47.0
476
B,450
C,250
V,150
B, 500
D,80,90,
200
C,350
D,100,150,
200
D,75,100,17
5
X,65,100
X,125,
µF
Code
2.5
4
6
10
16
20
25
35
50
0.47
474
A,4500
B,1500
B,2200
1.0
105
A,3000
A,3000
B,1500
B,1700
C,1300
2.2
225
A,1800
C,1300
B,1500
C,750
D,600
3.3
335
A,3000
C,750
B,900
C,525,550,600
D,700
4.7
475
A,1300
B,1300
A,2000
B,700
C,575
B,1000
C,450,500
C,600
D,275,300
X,300
6.8
685
A,1800
B,900
C,750
B,1500
C,400,490,50
0
D,400
X,300
D,190,200,27
5
D,300
10.0
106
A,1800
B,750
A,1700
T,4000
B,1000
C,400,475
B,750
C,450
D,120,125,250D
,300
X,175,200
X,250
X,250,300
15.0
156
B,500
C,375,400,
475
A,2500
B,800
C,375
D,275
D,275
X,200
C,350
D,225,300
X,200,225
X,300
22.0
226
A,900
B,500
C,290,345
B,600
D,180,225
D,275
C, 300,900
D,200
X,225
D,125,200,250
D300
X,125,200,275,
300
33.0
336
B,450
V,100,150
C,200,225,
275
D,150,175,
D,225,250
D,100,150
200
D,90,100
D,225,300
X,100,175
D,300
X,100,175,250
47.0
476
B,450
C,250
V,150
B, 500
D,80,90,
200
C,350
D,100,150,
200
D,75,100,175
X,65,100
X,125,150
D,120,250
X,80,150,185,
200
X,185,200,
300
68.0
686
V,150
D,175
V,70,100,140
B,600,750
B,900
C,80,225
D,90,150
X,150
V,180,300
D,150
D,70,150
X,120,150
X,125,150
200
100.0
107
T, 3000
B,500
V,90,150
B,400,700
C,75,150
D,150
C,100
V,100,150
D,50,65, 80,100
X,100
D,100,125
X,80,100,
125
X,150
E,85,100
200
E,100
150.0
157
B,900
C.70,250
V,40,70
C,50,200
X,100,125
C,200
D,50,60,80,100
X,70,80,85,100
V,100,150
D,100,125,15
0
X,75,100
E,80
220.0
227
D,45
C,225
D,45,100
X,70,100
V,150
D,45,75
D,100,125
X, 45,50,60,
70,100
X,100
E,50,100,150
330.0
337
C,300,700
D,30,45
X,45,65,
X,100
D,40,50,70,
D,100
E,40,60,100
D,100,125
X,35,50,60
E,40,60,100
470.0
477
D,35
D,45,100
X,30,45,100
X,30,45,50,
X,65
D,45,100,125
E,40,55,100
X,45,50
680.0
687
1000.0
108
X,30,40
X,30,40,60,70
E,35,50
E,50
Capacitance
Rated Voltage @ +85°C


Similar Part No. - T495A107M010AHSE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A107M010AHE045 KEMET-T495A107M010AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495A107M010AHE0457280 KEMET-T495A107M010AHE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495A107M010AHSE1K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com