Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T497B225M010AT6110 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T497B225M010AT6110
Description  HIGH GRADE COTS TANTALUM CHIPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T497B225M010AT6110 Datasheet(HTML) 4 Page - Kemet Corporation

  T497B225M010AT6110 Datasheet HTML 1Page - Kemet Corporation T497B225M010AT6110 Datasheet HTML 2Page - Kemet Corporation T497B225M010AT6110 Datasheet HTML 3Page - Kemet Corporation T497B225M010AT6110 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T497 RATINGS & PART NUMBER REFERENCE
KEMET
Case Codes
Tape and Reel Dimensions
Tape
Width - mm
Pitch
mm ± 0.1
Reel Quantity
Part
Sprocket
180mm
(7” dia)
330mm
(13” dia)
A
1005
8
4
4
2500
9500
B
1505
12
4
4
2500
9500
C
2005
12
4
4
2500
9500
D
1510
12
4
4
2500
9500
E
2010
12
4
4
2500
9500
F
2214
12
8
4
1000
3500
G
2711
12
8
4
500
2500
H
2915
12
8
4
500
2500
X
2824
12
8
4
500
2500
PACKAGING SPECIFICATIONS
Size Code
Pad Dimensions (mm)
KEMET
EIA
Z
G
X
Y (Ref) C (ref)
A
1005
3.42
0.18
1.85
1.73
1.78
B
1505
4.65
1.45
1.85
1.73
3.05
C
2005
5.72
2.72
1.85
1.73
4.32
D
1510
4.65
1.45
2.87
1.73
3.05
E
2010
5.72
2.72
2.87
1.73
4.32
F
2214
6.43
3.23
3.89
1.73
4.83
G
2711
7.57
3.35
3.25
2.24
5.46
H
2915
8.08
3.86
3.89
2.24
5.97
X
2824
8.08
3.28
3.07
2.54
5.66
LAND PATTERN DIMENSIONS FOR REFLOW SOLDER
© KEMET Electronics Corporation P.O. Box 5928 Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
686
4K
518
Polarity
Indicator (+)
Picofarad
Code
Rated
Voltage
Print Week Code
1st Digit = Year
2nd & 3rd Digits = Week
“518” = 18th Week of 2005
KEMET ID
COMPONENT MARKING


Similar Part No. - T497B225M010AT6110

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T497F685K025BH6110 KEMET-T497F685K025BH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 6.8 uF, 10%, 25 V, 5634, SMD, MnO2, Molded, COTS, Medical, B (0.1%/1000Hrs), 3 Ohms, Height Max = 2.16mm
T497H106K035AH6110 KEMET-T497H106K035AH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 10 uF, 10%, 35 V, 7238, SMD, MnO2, Molded, COTS, Medical, A (Non-ER), 900mOhms, Height Max = 3.17mm
T497H475K050BH6110 KEMET-T497H475K050BH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 4.7 uF, 10%, 50 V, 7238, SMD, MnO2, Molded, COTS, Medical, B (0.1%/1000Hrs), 1.5 Ohms, 3.17mm
More results

Similar Description - T497B225M010AT6110

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
   Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
Kemet Corporation
TSP2D447M010AH6510D540 KEMET-TSP2D447M010AH6510D540 Datasheet
78Kb / 1P
   Tantalum, Polymer Tantalum, COTS, TSP, 440 uF, 20%, 10 V, 2D
T550B396M060AH KEMET-T550B396M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 39 uF, 20%, 60 V, 160 mOhms
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
T550B397M015AH KEMET-T550B397M015AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 390 uF, 20%, 15 V, 90 mOhms
T550B206M060AH KEMET-T550B206M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 20 uF, 20%, 60 V, 200 mOhms
logo
Ohmite Mfg. Co.
AMC OHMITE-AMC Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com