Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491E155M035AH Datasheet(PDF) 7 Page - Kemet Corporation

Part # T491E155M035AH
Description  Surface Mount Capacitors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491E155M035AH Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T491E155M035AH Datasheet HTML 3Page - Kemet Corporation T491E155M035AH Datasheet HTML 4Page - Kemet Corporation T491E155M035AH Datasheet HTML 5Page - Kemet Corporation T491E155M035AH Datasheet HTML 6Page - Kemet Corporation T491E155M035AH Datasheet HTML 7Page - Kemet Corporation T491E155M035AH Datasheet HTML 8Page - Kemet Corporation T491E155M035AH Datasheet HTML 9Page - Kemet Corporation T491E155M035AH Datasheet HTML 10Page - Kemet Corporation T491E155M035AH Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
SOLID TANTALUM CHIP CAPACITORS
of equilibrium with the environment, is approxi-
mately -5% to +12% over the range from 25% to
95% RH, referred to the standard 50% RH. The
amount of change is dependent upon size (capaci-
tance and voltage rating, ie: CV product); small
sizes might change no more than ±5%.
Equilibrium at such extremes is seldom attained by
plastic-cased capacitors, and the change in
capacitance is consequently less. The rate of
response to humidity changes increases with
increasing temperature. Dissipation factor and
ESR also increase with increasing RH.
DC leakage current may rise upon exposure to a
combination of high temperature and high humidi-
ty, but is normally restored by voltage conditioning
under standard conditions. The increase will be
greater than that experienced under temperature
influence alone because of conduction through
absorbed water.
Tantalum chips may be affected by absorption of
water on external insulating surfaces.The water
film may also attract a layer of dust from the air,
increasing the effect. The most sensitive parame-
ter is leakage current.
4. Capacitance
• 0.1 µF to 1000 µF
Refer to part number tables for available capaci-
tance ratings and tolerances by series.
Capacitance is measured at 120 Hz, up to 1.0
volt rms maximum and up to 2.5 volts DC maximum, at
+25°C.DC bias causes only a small reduction in capaci-
tance, up to about 2% when full rated voltage is applied.
DC bias is not commonly used at room temperature, but
is more commonly used at elevated temperatures.
Capacitance decreases with increasing frequency.
FIGURE 1
Typical Effect of Frequency upon Capacitance
Capacitance increases with increasing temperature.
FIGURE 2
Typical Effect of Temperature upon Capacitance
Introduction
KEMET solid tantalum capacitors are identified by
the initial “T,” followed by a unique “Series” num-
ber; for example, T491, T492, etc. Each Series
denotes a general physical form and type of
encapsulation, as well as limits on dimensions and
certain electrical characteristics under standard
conditions of 25°C, 50% relative humidity, and one
atmosphere pressure. Specific requirements are
set forth in the respective Product Series in this
catalog. All series are 100% screened for leakage,
capacitance, dissipation factor, and ESR. All
Series are inspected to electrical limits using a
minimum .1% AQL sampling plan, according to
the Military Standard MIL-STD-105, even after
100% testing. This sampling plan, to the best of
KEMET Electronics’ knowledge, meets or exceeds
the generally accepted industry standard for simi-
lar products. KEMET capacitors may also be sup-
plied, with prior agreement, to meet specifications
with requirements differing from those of KEMET cat-
alogs.
ELECTRICAL
1. General Application Class
Solid tantalum capacitors are usually applied in
circuits where the AC component is small com-
pared to the DC component. Typical uses known
to KEMET Electronics include blocking, by-pass-
ing, decoupling, and filtering. They are also used in
timing circuits. General purpose devices are rec-
ommended to have an external series resistance of
0.1
Ω/volt to reduce the failure due to surge cur-
rent. Newer devices designed for power applica-
tions (T495, T5XX), are built to eliminate this series
resistance requirement. Because tantalum capaci-
tors can experience scintillation (self-healing) in
their life, the circuit impedence should not exceed
100K
Ω or this will circumvent the scintillation and
degrade leakage.
2. Operating Temperature Range
• –55 °C to +125 °C
Voltage derating is specified in Section 5.
Performance characteristics over this temperature
range are presented within the following sections.
3. Non-Operating Temperature Range
• –55 °C to +125 °C
Tantalum capacitors do not lose capacitance from
the “de-forming” effect as do liquid-electrolytic
capacitors. Storage at high temperature may
cause a small, temporary increase in leakage cur-
rent (measured under standard conditions), but the
original value is usually restored within a few min-
utes after application of rated voltage.
Tantalum chips are not hermetically sealed, there-
fore they do exhibit reversible changes in parame-
ters with respect to relative humidity (RH).
Capacitance increases with increasing humidity.
The limiting change, reached upon establishment
TANTALUM MnO
2 COMPONENT PERFORMANCE CHARACTERISTICS
+20%
+10%
0
-10%
-20%
-80
-60
-40
-20
0
+20
+60
+40
+80 +100 +120
Operating Temperature— C
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
5


Similar Part No. - T491E155M035AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491E157K003AH KEMET-T491E157K003AH Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491E157K003AT KEMET-T491E157K003AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491E157K003AT KEMET-T491E157K003AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491E157K003AT7280 KEMET-T491E157K003AT7280 Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491E157K004AH KEMET-T491E157K004AH Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491E155M035AH

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com