Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C320C339F5R5TA Datasheet(PDF) 3 Page - Kemet Corporation

Part # C320C339F5R5TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320C339F5R5TA Datasheet(HTML) 3 Page - Kemet Corporation

  C320C339F5R5TA Datasheet HTML 1Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 2Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 3Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 4Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 5Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 6Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 7Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 8Page - Kemet Corporation C320C339F5R5TA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S
C315
C320
C330
C340
C350
H
*
C333
H
*.276 (7.00) MIN.
S
C323
H
*
S
*
C317
C322
S
D
.060
(1.52)
MAX.
L
T
*
C330
H
DIMENSIONS — INCHES & MILLIMETERS
CASE
L
H
T
S(1)
D
SIZE
MAX.
MAX.
MAX.
±.030 (.78)
+.004 (.10)- .001 (.025)
C315
.150 (3.81)
.210 (5.33)
.130 (3.30)
.100 (2.54)
.020 (.51)
C317
.150 (3.81)
.230 (5.84)
.130 (3.30)
.200 (5.08)
.020 (.51)
C320
.200 (5.08)
.260 (6.60)
.150 (3.81)
.100 (2.54)
.020 (.51)
C322
.200 (5.08)
.260 (6.60)
.150 (3.81)
.200 (5.08)
.020 (.51)
C323
.200 (5.08)
.320 (8.13)
.150 (3.81)
.200 (5.08)
.020 (.51)
C330
.300 (7.62)
.360 (9.14)
.200 (5.08)
.200 (5.08)
.020 (.51)
C333
.300 (7.62)
.390 (9.91)
.200 (5.08)
.200 (5.08)
.020 (.51)
C340
.400 (10.16)
.460 (11.68)
.200 (5.08)
.200 (5.08)
.020 (.51)
C350
.500 (12.70)
.560 (14.22)
.250 (6.35)
.400 (10.16)
.025 (.64)
For packaging information, see pages 40, and 41.
M
102
320
T
5
C
A
R
1
C
CERAMIC
CASE SIZE
(See Table Above)
SPECIFICATION
C — Standard
CAPACITANCE, CODE
Expressed in Picofarads (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros (Use 9 for 1.0
thru 9.9 pF. Example: 2.2pF — 229)
FAILURE RATE
INTERNAL
CONSTRUCTION
CAPACITANCE TOLERANCE
D —
±0.5 pF
F —
±1%
G —
±2%
J —
±5%
A — Not Applicable
K —
±10%
M —
±20%
Z — -20, +80%
TERMINATION MATERIAL
T — 100% Tin
H — SnPb
C — 100% Sn
(Not recommended for new design)
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NP0) — Ultra-Stable
R — X7R — Stable
U — Z5U — General Purpose
RATED VOLTAGE
2 — 200
1 — 100
5 —
50
C — 500
D —1000
*
*Part Number Example: C320C102M1R5CA (14 digits – no spaces)
P — 0%, +100%
F — 1500
G — 2000
Z — 2500
H — 3000
ORDERING INFORMATION
Drawings are not to scale. See table below for dimensions.
See page 10 for optional lead configurations.
STANDARD LEAD CONFIGURATION — OUTLINE DRAWINGS
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
9
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
NOTE: 1 inch = 25.4 mm.
NOTE: (1) Measured at seating plane.
Case
Size
L
Max.
H.
Max
Standard
T
Max.
High
Voltage
T Max.
S(1)
±.030 (.78)
D
+.004(.10)
-.001(.025)
C315
0.150 (3.81)
0.210 (5.33)
0.100
0.150
0.100 (2.54)
0.020 (.51)
C317
0.150 (3.81)
0.230 (5.84)
0.100
0.150
0.200 (5.08)
0.020 (.51)
C320
0.200 (5.08)
0.260 (6.60)
0.125
0.200
0.100 (2.54)
0.020 (.51)
C322
0.200 (5.08)
0.260 (6.60)
0.125
0.200
0.200 (5.08)
0.020 (.51)
C323
0.200 (5.08)
0.320 (8.13)
0.125
0.200
0.200 (5.08)
0.020 (.51)
C330
0.300 (7.62)
0.360 (9.14)
0.150
0.250
0.200 (5.08)
0.020 (.51)
C333
0.300 (7.62)
0.390 (9.91)
0.150
0.250
0.200 (5.08)
0.020 (.51)
C340
0.400 (10.16)
0.460 (11.68)
0.150
0.270
0.200 (5.08)
0.020 (.51)
C350
0.500 (12.70)
0.560 (14.22)
0.200
0.270
0.400 (10.16)
0.025 (.64)


Similar Part No. - C320C339F5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C330J2G5TA KEMET-C320C330J2G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 33 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C331J2G5TA KEMET-C320C331J2G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 330 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C332J1G5TA KEMET-C320C332J1G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 3300 pF, 5%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C320C334K5R5TA KEMET-C320C334K5R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.33 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results

Similar Description - C320C339F5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com