Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C522G102C1G5CA Datasheet(PDF) 6 Page - Kemet Corporation

Part # C522G102C1G5CA
Description  CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C522G102C1G5CA Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C522G102C1G5CA Datasheet HTML 2Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 3Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 4Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 5Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 6Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 7Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 8Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 9Page - Kemet Corporation C522G102C1G5CA Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
4
the aging rates to set factory test limits which will bring the
capacitance within the specified tolerance at some future time,
to allow for customer receipt and use. Typically, the test limits
are adjusted so that the capacitance will be within the specified
tolerance after either 1,000 hours or 100 days, depending on
the manufacturer and the product type.
POWER DISSIPATION
Power dissipation has been empirically determined for
two representative KEMET series: C052 and C062. Power dis-
sipation capability for various mounting configurations is shown
in Table 3. This table was extracted from Engineering Bulletin
F-2013, which provides a more detailed treatment of this sub-
ject.
Note that no significant difference was detected between
the two sizes in spite of a 2 to 1 surface area ratio. Due to the
materials used in the construction of multilayer ceramic capac-
itors, the power dissipation capability does not depend greatly
on the surface area of the capacitor body, but rather on how
well heat is conducted out of the capacitor lead wires.
Consequently, this power dissipation capability is applicable to
other leaded multilayer styles and sizes.
TABLE 3
POWER DISSIPATION CAPABILITY
(Rise in Celsius degrees per Watt)
Power
Mounting Configuration
Dissipation
of C052 & C062
1.00" leadwires attached to binding post
90 Celsius degrees
of GR-1615 bridge (excellent heat sink)
rise per Watt 10%
0.25" leadwires attached to binding post
55 Celsius degrees
of GR-1615 bridge
rise per Watt 10%
Capacitor mounted flush to 0.062" glass-
77 Celsius degrees
epoxy circuit board with small copper traces
rise per Watt 10%
Capacitor mounted flush to 0.062" glass-
53 Celsius degrees
epoxy circuit board with four square inches
rise per Watt 10%
of copper land area as a heat sink
As shown in Table 3, the power dissipation capability of
the capacitor is very sensitive to the details of its use environ-
ment. The temperature rise due to power dissipation should not
exceed 20ºC. Using that constraint, the maximum permissible
power dissipation may be calculated from the data provided in
Table 3.
It is often convenient to translate power dissipation capa-
bility into a permissible AC voltage rating. Assuming a sinu-
soidal wave form, the RMS “ripple voltage” may be calculated
from the following formula:
E = Z x
Where
E = RMS Ripple Voltage (volts)
P = Power Dissipation (watts)
Z = Impedence
R = ESR
P
MAX
R
The data necessary to make this calculation is included in
Engineering Bulletin F-2013. However, the following criteria
must be observed:
1. The temperature rise due to power dissipation
should be limited to 20ºC.
2. The peak AC voltage plus the DC voltage must not
exceed the maximum working voltage of the
capacitor.
Provided that these criteria are met, multilayer ceramic
capacitors may be operated with AC voltage applied without
need for DC bias.
RELIABILITY
A well constructed multilayer ceramic capacitor is
extremely reliable and, for all practical purposes, has an infi-
nite life span when used within the maximum voltage and
temperature ratings. Capacitor failure may be induced by sus-
tained operation at voltages that exceed the rated DC voltage,
voltage spikes or transients that exceed the dielectric with-
standing voltage, sustained operation at temperatures above
the maximum rated temperature, or the excessive tempera-
ture rise due to power dissipation.
Failure rate is usually expressed in terms of percent per
1,000 hours or in FITS (failure per billion hours). Some
KEMET series are qualified under U.S. military established
reliability specifications MIL-PRF-20, MIL-PRF-123, MIL-
PRF-39014, and MIL-PRF-55681. Failure rates as low as
0.001% per 1,000 hours are available for all capacitance /
voltage ratings covered by these specifications. These spec-
ifications and accompanying Qualified Products List should
be consulted for details.
For series not covered by these military specifications,
an internal testing program is maintained by KEMET Quality
Assurance. Samples from each week’s production are sub-
jected to a 2,000 hour accelerated life test at 2 x rated voltage
and maximum rated temperature. Based on the results of
these tests, the average failure rate for all non-military series
covered by this test program is currently 0.06% per 1,000
hours at maximum rated conditions. The failure rate would be
much lower at typical use conditions. For example, using MIL-
HDBK-217D this failure rate translates to 0.9 FITS at 50%
rated voltage and 50ºC.
Current failure rate details for specific KEMET multilay-
er ceramic capacitor series are available on request.
MISAPPLICATION
Ceramic capacitors, like any other capacitors, may fail
if they are misapplied. Typical misapplications include expo-
sure to excessive voltage, current or temperature. If the
dielectric layer of the capacitor is damaged by misapplication
the electrical energy of the circuit can be released as heat,
which may damage the circuit board and other components
as well.
If potential for misapplication exists, it is recommended
that precautions be taken to protect personnel and equipment
during initial application of voltage. Commonly used precau-
tions include shielding of personnel and sensing for excessive
power drain during board testing.
APPLICATION NOTES FOR MULTILAYER CERAMIC CAPACITORS


Similar Part No. - C522G102C1G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C522G102C1G5CA KEMET-C522G102C1G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C522G102C1G5CA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322A104K035AT KEMET-T322A104K035AT Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
AVX Corporation
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com