Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C317C479F5R5TA Datasheet(PDF) 8 Page - Kemet Corporation

Part # C317C479F5R5TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C479F5R5TA Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C317C479F5R5TA Datasheet HTML 3Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 4Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 5Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 6Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 7Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 8Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 9Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 10Page - Kemet Corporation C317C479F5R5TA Datasheet HTML 11Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
14
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
RATINGS & PART NUMBER REFERENCE
GENERAL PURPOSE TEMPERATURE CHARACTERISTIC – Z5U
For packaging information, see pages 40 and 41.
50
100
200
50
100
200
50
100
200
50
100
200
50
100
200
1000pF
102
M,P,Z
1200
122
M,P,Z
1500
152
M,P,Z
1800
182
M,P,Z
2200
222
M,P,Z
2700
272
M,P,Z
3300
332
M,P,Z
3900
392
M,P,Z
4700
472
M,P,Z
5600
562
M,P,Z
6800
682
M,P,Z
8200
822
M,P,Z
.010uF
103
M,P,Z
.012
123
M,P,Z
.015
153
M,P,Z
.018
183
M,P,Z
.022
223
M,P,Z
.027
273
M,P,Z
.033
333
M,P,Z
.039
393
M,P,Z
.047
473
M,P,Z
.056
563
M,P,Z
.068
683
M,P,Z
.082
823
M,P,Z
.10
104
M,P,Z
.12
124
M,P,Z
.15
154
M,P,Z
.18
184
M,P,Z
.22
224
M,P,Z
.27
274
M,P,Z
.33
334
M,P,Z
.39
394
M,P,Z
.47
474
M,P,Z
.56
564
M,P,Z
.68
684
M,P,Z
.82
824
M,P,Z
1.0
105
M,P,Z
1.2
125
M,P,Z
1.5
155
M,P,Z
1.8
185
M,P,Z
2.2
225
M,P,Z
2.7
275
M,P,Z
3.3
335
M,P,Z
3.9
395
M,P,Z
4.7
475
M,P,Z
5.6
565
M,P,Z
6.8
685
M,P,Z
C330 shoulder bend lead configuration is standard for these cap codes.
WWDC
WWDC
WWDC
WWDC
WWDC
Style
Cap
Cap
Code
Cap
Tol
C35X
C31X
C32X
C34X
C33X


Similar Part No. - C317C479F5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317C470J1G5TA7301 KEMET-C317C470J1G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 47 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C317C470J2G5TA91707303 KEMET-C317C470J2G5TA91707303 Datasheet
65Kb / 1P
   GoldMax 300 Auto C0G, Ceramic, 47 pF, 5%, 200 VDC, C0G, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C317C470K2G5TA KEMET-C317C470K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 47 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C471F1G5TA KEMET-C317C471F1G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 470 pF, 1%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C471K2G5TA KEMET-C317C471K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 470 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results

Similar Description - C317C479F5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com