Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5223 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA5223
Description  Wide dynamic range AGC transimpedance amplifier 150MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5223 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA5223 Datasheet HTML 4Page - NXP Semiconductors SA5223 Datasheet HTML 5Page - NXP Semiconductors SA5223 Datasheet HTML 6Page - NXP Semiconductors SA5223 Datasheet HTML 7Page - NXP Semiconductors SA5223 Datasheet HTML 8Page - NXP Semiconductors SA5223 Datasheet HTML 9Page - NXP Semiconductors SA5223 Datasheet HTML 10Page - NXP Semiconductors SA5223 Datasheet HTML 11Page - NXP Semiconductors SA5223 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Philips Semiconductors
Product specification
SA5223
Wide dynamic range AGC transimpedance amplifier (150MHz)
1995 Oct 24
11
SO8:
plastic small outline package; 8 leads; body width 3.9mm
SOT96-1


Similar Part No. - SA5223

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5222D PHILIPS-SA5222D Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
   FDDI fiber optic postamplifier
1998 Oct 07
SA5224D PHILIPS-SA5224D Datasheet
73Kb / 10P
   FDDI fiber optic postamplifier
1998 Oct 07
SA5225 PHILIPS-SA5225 Datasheet
81Kb / 10P
   Fiber optic postamplifier
1998 Oct 07
More results

Similar Description - SA5223

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
   AGC Transimpedance Amplifier
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com