Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-2518-T102MK Datasheet(PDF) 5 Page - Kemet Corporation

Part # LB-2518-T102MK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LB-2518-T102MK Datasheet(HTML) 5 Page - Kemet Corporation

  LB-2518-T102MK Datasheet HTML 1Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 2Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 3Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 4Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 5Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 6Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 7Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 8Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
5
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LB-1608-T4R7MK
4.7
±20%
45
0.55
70
7.96
4,000
LB-1608-T8R2MK
8.2
±20%
32
0.70
50
2.52
4,000
LB-1608-T100MK
10
±20%
32
0.70
50
2.52
4,000
0603 Case Size Standard Type (LB 1608 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LB-2012-T1R0MK
1.0
±20%
100
0.15
300
7.96
3,000
LB-2012-T2R2MK
2.2
±20%
80
0.23
240
7.96
3,000
LB-2012-T4R7MK
4.7
±20%
45
0.40
140
7.96
3,000
LB-2012-T100MK
10
±20%
32
0.70
100
2.52
3,000
LB-2012T100MRK*
10
±20%
32
0.50
100
2.52
3,000
LB-2012-T220MK
22
±20%
15
1.70
75
2.52
3,000
LB-2012-T470MK
47
±20%
11
3.70
50
2.52
3,000
LB-2012-T101MK
100
±20%
8
7.00
30
0.796
3,000
0805 Case Size Standard Type (LB 2012 Series)
* Low Rdc Type
0806 Case Size Standard Type (LB 2016 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LB-2016-T1R0MK
1.0
±20%
100
0.09
455
7.96
2,000
LB-2016-T1R5MK
1.5
±20%
80
0.11
350
7.96
2,000
LB-2016-T2R2MK
2.2
±20%
70
0.13
315
7.96
2,000
LB-2016-T3R3MK
3.3
±20%
55
0.20
280
7.96
2,000
LB-2016-T4R7MK
4.7
±20%
45
0.25
210
7.96
2,000
LB-2016-T6R8MK
6.8
±20%
38
0.35
175
7.96
2,000
LB-2016-T100MK
10
±20%
32
0.50
155
2.52
2,000
LB-2016-T150MK
15
±20%
28
0.70
130
2.52
2,000
LB-2016-T220MK
22
±20%
16
1.00
105
2.52
2,000
LB-2016-T330MK
33
±20%
14
1.70
85
2.52
2,000
LB-2016-T470MK
47
±20%
11
2.40
60
2.52
2,000
LB-2016-T680MK
68
±20%
10
3.00
50
2.52
2,000
LB-2016-T101MK
100
±20%
8
4.50
40
0.796
2,000
1007 Case Size Standard Type (LB 2518 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LB-2518-T1R0MK
1.0
±20%
100
0.06
500
7.96
2,000
LB-2518-T1R5MK
1.5
±20%
80
0.07
400
7.96
2,000
LB-2518-T2R2MK
2.2
±20%
68
0.09
340
7.96
2,000
LB-2518-T3R3MK
3.3
±20%
54
0.11
270
7.96
2,000
LB-2518-T4R7MK
4.7
±20%
46
0.13
240
7.96
2,000
LB-2518-T6R8MK
6.8
±20%
38
0.15
195
7.96
2,000
LB-2518-T100MK
10
±20%
30
0.25
165
2.52
2,000
LB-2518-T150MK
15
±20%
23
0.32
145
2.52
2,000
LB-2518-T220MK
22
±20%
19
0.50
115
2.52
2,000
LB-2518-T330MK
33
±20%
15
0.70
95
2.52
2,000
LB-2518-T470MK
47
±20%
12
0.95
85
2.52
2,000
LB-2518-T680MK
68
±20%
9.5
1.50
70
2.52
2,000
LB-2518-T101MK
100
±20%
9
2.10
55
0.796
2,000
LB-2518-T151MK
150
±20%
7
3.20
45
0.796
2,000
LB-2518-T221MK
220
±20%
5.5
4.50
35
0.796
2,000
LB-2518-T331MK
330
±20%
4.5
7.00
30
0.796
2,000
LB-2518-T471MK
470
±20%
3.5
10.00
25
0.796
2,000
LB-2518-T681MK
680
±20%
3
17.00
20
0.796
2,000
LB-2518-T102MK
1000
±20%
2.4
24.00
15
0.252
2,000


Similar Part No. - LB-2518-T102MK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-250-100 ETC2-LB-250-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-250-100 ETC2-LB-250-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-250-50 ETC2-LB-250-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-250-50 ETC2-LB-250-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-256 ETC2-LB-256 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
More results

Similar Description - LB-2518-T102MK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com