Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-2518-T102MK Datasheet(PDF) 6 Page - Kemet Corporation

Part # LB-2518-T102MK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LB-2518-T102MK Datasheet(HTML) 6 Page - Kemet Corporation

Back Button LB-2518-T102MK Datasheet HTML 2Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 3Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 4Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 5Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 6Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 7Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 8Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 9Page - Kemet Corporation LB-2518-T102MK Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1207 Case Size Standard Type (LB 3218 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LB-3218-T1R0MK
1.0
±20%
100
0.06
1075
7.96
2,000
LB-3218-T1R5MK
1.5
±20%
80
0.07
860
7.96
2,000
LB-3218-T2R2MK
2.2
±20%
68
0.09
775
7.96
2,000
LB-3218-T3R3MK
3.3
±20%
54
0.11
560
7.96
2,000
LB-3218-T4R7MK
4.7
±20%
41
0.13
550
7.96
2,000
LB-3218-T6R8MK
6.8
±20%
40
0.17
380
7.96
2,000
LB-3218-T100(_)K
10
K=10%, M=±20%
30
0.25
340
2.52
2,000
LB-3218-T150(_)K
15
K=10%, M=±20%
25
0.32
300
2.52
2,000
LB-3218-T220(_)K
22
K=10%, M=±20%
19
0.49
255
2.52
2,000
LB-3218-T330(_)K
33
K=10%, M=±20%
15
0.75
215
2.52
2,000
LB-3218-T470(_)K
47
K=10%, M=±20%
12
0.92
205
2.52
2,000
LB-3218-T680(_)K
68
K=10%, M=±20%
11
1.49
145
2.52
2,000
LB-3218-T101(_)K
100
K=10%, M=±20%
8
2.40
140
0.796
2,000
LB-3218-T151(_)K
150
K=10%, M=±20%
7
3.20
105
0.796
2,000
LB-3218-T221(_)K
220
K=10%, M=±20%
5
5.40
80
0.796
2,000
LB-3218-T331(_)K
330
K=10%, M=±20%
4
7.00
65
0.796
2,000
LB-3218-T471(_)K
470
K=10%, M=±20%
3.5
14.00
54
0.796
2,000
LB-3218-T681(_)K
680
K=10%, M=±20%
3
17.00
45
0.796
2,000
LB-3218-T102(_)K
1000
K=10%, M=±20%
2.4
27.00
39
0.252
2,000
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
6
0806 Case Size High Current Type (LB C2016 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBC2016-T1R0MK
1.0
±20%
100
0.10
690
7.96
2,000
LBC2016-T1R5MK
1.5
±20%
80
0.15
600
7.96
2,000
LBC2016-T2R2MK
2.2
±20%
70
0.20
520
7.96
2,000
LBC2016-T3R3MK
3.3
±20%
55
0.27
410
7.96
2,000
LBC2016-T4R7MK
4.7
±20%
45
0.37
355
7.96
2,000
LBC2016-T6R8MK
6.8
±20%
38
0.59
290
7.96
2,000
LBC2016-T100MK
10
±20%
32
0.82
245
2.52
2,000
LBC2016-T150MK
15
±20%
28
1.20
200
2.52
2,000
LBC2016-T220MK
22
±20%
16
1.80
165
2.52
2,000
LBC2016-T330MK
33
±20%
14
2.80
135
2.52
2,000
LBC2016-T470MK
47
±20%
11
4.30
110
2.52
2,000
LBC2016-T680MK
68
±20%
10
7.00
95
2.52
2,000
LBC2016-T101MK
100
±20%
8
8.00
75
0.796
2,000
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBMF1608T1R0MK
1.0
±20%
100
0.19
620
7.96
3,000
LBMF1608T2R2MK
2.2
±20%
70
0.33
430
7.96
3,000
LBMF1608T4R7MK
4.7
±20%
45
0.50
295
7.96
3,000
LBMF1608T100(_)K
10
K=10%, M=±20%
40
1.20
200
2.52
3,000
LBMF1608T220(_)K
22
K=10%, M=±20%
16
3.70
130
2.52
3,000
LBMF1608T470(_)K
47
K=10%, M=±20%
11
5.80
90
2.52
3,000
0603 Case Size Standard Type (LB MF 1608 Series)
(_) - Insert Inductance Tolerance Code (K or M)
(_) - Insert Inductance Tolerance Code (K or M)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBC2012-T1R0MK
1.0
±20%
100
0.19
620
7.96
3,000
LBC2012-T2R2MK
2.2
±20%
70
0.33
430
7.96
3,000
LBC2012-T4R7MK
4.7
±20%
45
0.50
295
7.96
3,000
LBC2012-T100MK
10
±20%
40
1.20
200
2.52
3,000
LBC2012-T220MK
22
±20%
16
3.70
130
2.52
3,000
LBC2012-T470MK
47
±20%
11
5.80
90
2.52
3,000
0805 Case Size High Current Type (LB C2012 Series)


Similar Part No. - LB-2518-T102MK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-250-100 ETC2-LB-250-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-250-100 ETC2-LB-250-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-250-50 ETC2-LB-250-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-250-50 ETC2-LB-250-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-256 ETC2-LB-256 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
More results

Similar Description - LB-2518-T102MK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com