Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491U154K035AH Datasheet(PDF) 8 Page - Kemet Corporation

Part # T491U154K035AH
Description  Surface Mount Capacitors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491U154K035AH Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T491U154K035AH Datasheet HTML 4Page - Kemet Corporation T491U154K035AH Datasheet HTML 5Page - Kemet Corporation T491U154K035AH Datasheet HTML 6Page - Kemet Corporation T491U154K035AH Datasheet HTML 7Page - Kemet Corporation T491U154K035AH Datasheet HTML 8Page - Kemet Corporation T491U154K035AH Datasheet HTML 9Page - Kemet Corporation T491U154K035AH Datasheet HTML 10Page - Kemet Corporation T491U154K035AH Datasheet HTML 11Page - Kemet Corporation T491U154K035AH Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
Surge voltage tests are performed at +25°C,
+85°C and +125°C with the applicable surge volt-
age. The surge voltage is applied for 1000 cycles
of 30 seconds at voltage through a 33 ohm series
resistor and 30 seconds off voltage with the
capacitor discharged through a 33 ohm resistor.
Upon completing the test, the capacitors are
allowed to stabilize at room temperature. Capaci-
tance, DCL and DF are then tested:
a.
Capacitance — within ± 5% of initial value
b.
DC Leakage — within initial limit
c.
Dissipation Factor — within initial limit
d.
ESR — within initial limit
7. Reverse Voltage and Polarity
TABLE 3 Reverse Voltage Ratings
Temperature
Permissible Reverse Voltage
+25°C
15% of Rated Voltage
+85°C
5% of Rated Voltage
+125°C
1% of Rated Voltage
Solid tantalum capacitors are polarized devices
and may be permanently damaged or destroyed if
connected with the wrong polarity. The positive
terminal is identified on the capacitor body by a
stripe and a beveled edge. A small degree of tran-
sient reverse voltage is permissible for short peri-
ods per Table 3. The capacitors should not be
operated continuously in reverse mode, even with-
in these limits.
8. DC Leakage Current (DCL)
Refer to part number tables for maximum leakage
current limits.
DC leakage current is the current that, after a one-
to five-minute charging period, flows through a
capacitor when voltage is applied. Leakage is
measured at +25°C with full rated DC voltage
applied to the capacitor through a 1000 ohm resis-
tor in series with the capacitor.
DC leakage current increases with increasing tem-
perature.
TABLE 4 Leakage Limit Multipliers at Specified
Temperatures (ref: 25°C limits)
Ambient Temperature
–55°C
+85°C
+125°C
N/A
10X
12X
TABLE 1 Maximum Capacitance Change
with Temperature (ref: 25°C)
Ambient Temperature
–55°C
+85°C
+125°C
–10%
+10%
*+12% or +15%to20%
*+12% is standard. +15% and 20% apply to certain
extended CV values as noted in part number tables.
5. Working DC Voltage (WVDC)
• 3 to 50 volts
Refer to part number tables for available voltage
ratings by series.
These voltages are the maximum recommended peak
DC operating voltages from –55°C to +85°C for
continuous duty. These voltages are derated linearly above
+85°C to 2/3 rated voltage for operation at
+125°C (See Figure 3). For added reliability it is
recommended to operate at a 50% derating of the working
voltage for tantalum capacitors with MnO
2 as a cathode.
See page 39 for working DC Voltage of high temperature
T498 product.
FIGURE 3
Working DC Voltage Change with Temperature
6. Surge Voltage
TABLE 2 Surge Voltage Ratings
at +25°C, +85°C & +125°C
Rated
Working
Surge
Derated
Volts
Voltage
DC
Surge
@ +25°C
@ +25°C
Volts
Voltage
& +85°C
& +85°C
@ +125°C
@ +125°C
3
4
2
2.4
4
5.2
2.7
3.2
68
4
5
10
13
7
8
16
20
10
12
20
26
13
16
25
33
17
20
35
46
23
28
50
65
33
40
SOLID TANTALUM CHIP CAPACITORS
100%
80%
60%
40%
20%
-60
Operating Temperature— C
-40
-20
0
+20 +40 +60 +80 +100 +120 +140
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
6
TANTALUM MnO
2 COMPONENT PERFORMANCE CHARACTERISTICS (con’t.)


Similar Part No. - T491U154K035AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491U156010A KEMET-T491U156010A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491U156K004AH KEMET-T491U156K004AH Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491U156K004AS KEMET-T491U156K004AS Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491U156K004AT KEMET-T491U156K004AT Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491U156M004AH KEMET-T491U156M004AH Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results

Similar Description - T491U154K035AH

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com