Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D224K035AH Datasheet(PDF) 9 Page - Kemet Corporation

Part # T491D224K035AH
Description  Surface Mount Capacitors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D224K035AH Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T491D224K035AH Datasheet HTML 5Page - Kemet Corporation T491D224K035AH Datasheet HTML 6Page - Kemet Corporation T491D224K035AH Datasheet HTML 7Page - Kemet Corporation T491D224K035AH Datasheet HTML 8Page - Kemet Corporation T491D224K035AH Datasheet HTML 9Page - Kemet Corporation T491D224K035AH Datasheet HTML 10Page - Kemet Corporation T491D224K035AH Datasheet HTML 11Page - Kemet Corporation T491D224K035AH Datasheet HTML 12Page - Kemet Corporation T491D224K035AH Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
SOLID TANTALUM CHIP CAPACITORS
TANTALUM MnO
2 COMPONENT PERFORMANCE CHARACTERISTICS (con’t.)
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
7
FIGURE 4
Typical Effect of Temperature upon
DC Leakage Current
DC leakage current decreases with decreasing
applied voltage.
FIGURE 5
Typical Effect of Applied Voltage on DC
Leakage Current.
9. Dissipation Factor (DF)
Refer to part number tables for maximum DF
limits.
Dissipation factor is measured at 120 Hz, up to
1.0 volt rms maximum, and up to 2.0 volts DC
maximum at +25°C. The application of DC bias
causes a small reduction in DF, about 0.2% when
full rated voltage is applied. DF increases with
increasing frequency.
Frequency — Hertz
FIGURE 6 Typical Effect of Frequency upon Dissipation
Factor
Dissipation factor is a very useful low frequency
(120 Hz) measurement of the resistive component
of a capacitor. It is the ratio of the equivalent series
resistance (ESR) to the capacitive reactance, (X
C)
and is usually expressed as a percentage. It is
directly proportional to both capacitance and fre-
quency. Dissipation factor loses its importance at
higher frequencies, (above about 1 kHz), where
impedance (Z) and equivalent series resistance
(ESR) are the normal parameters of concern.
DF = R = 2 fCR
DF = Dissipation Factor
X
C
R = Equivalent Series
Resistance (Ohms)
X
C =
Capacitive Reactance
(Ohms)
f = Frequency (Hertz)
C = Series Capacitance
(Farads)
DF is also referred to as tan
or “loss tangent.”
The “Quality Factor,” “Q,” is the reciprocal of DF.
DF decreases with temperature above +25°C and
may also increase at lower temperatures.
Unfortunately, one general limit for DF cannot be
specified for all capacitance/voltage combinations,
nor can response to temperature be simply stated.
DC bias is not commonly used at room tempera-
ture, but is more commonly used at elevated tem-
peratures.
10. Equivalent Series Resistance (ESR) and
Impedance (Z)
Equivalent Series Resistance (ESR) is the pre-
ferred high-frequency statement of the resistance
unavoidably appearing in these capacitors. ESR
is not a pure resistance, and it decreases with
increasing frequency.
Total impedance of the capacitor is the vector
sum of capacitive reactance (X
C) and ESR, below
resonance; above resonance total impedance is
the vector sum of inductive reactance (X
L) and
ESR.
10.0
1.0
0.1
Operating Temperature— C
-60 -40 -20
0
+20 +40 +60 +80 +100 +125
Reference 1.0
at + 25
°C
Percentage of Rated Voltage
0
102030405060708090
100
110
1.0
0.1
0.01
0.001
100
1k
10k
20.0
10.0
5.0
1.0
Reference
1.0 at 120 Hz


Similar Part No. - T491D224K035AH

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491D225K050AS-F CDE-T491D225K050AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491D225K050AT KEMET-T491D225K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 2.2 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 3.1mm
T491D226020A KEMET-T491D226020A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
logo
Cornell Dubilier Electr...
T491D226K004AS-F CDE-T491D226K004AS-F Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
T491D226K016AS-F CDE-T491D226K016AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results

Similar Description - T491D224K035AH

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com