Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT5018BLL Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT5018BLL
Description  POWER MOS 7 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5018BLL Datasheet(HTML) 5 Page - Advanced Power Technology

  APT5018BLL Datasheet HTML 1Page - Advanced Power Technology APT5018BLL Datasheet HTML 2Page - Advanced Power Technology APT5018BLL Datasheet HTML 3Page - Advanced Power Technology APT5018BLL Datasheet HTML 4Page - Advanced Power Technology APT5018BLL Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
TO-247 Package Outline
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018)
{3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Drain)
and Leads
are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Drain
Source
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
D
3
PAK Package Outline
Switching Energy
10 %
t
d(on)
5 %
10 %
t
r
90%
Drain Current
Gate Voltage
Drain Voltage
5 %
T
J
= 125 C
T
J
= 125 C
Gate Voltage
Drain Voltage
Drain Current
90%
t
d(off)
90%
t
f
10%
0
Switching Energy
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
IC
D.U.T.
APT15DF60B
VCE
Figure 20, Inductive Switching Test Circuit
VDD
G
APT5018BLL-SLL
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


Similar Part No. - APT5018BLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5018BLL ADPOW-APT5018BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Inchange Semiconductor ...
APT5018BLL ISC-APT5018BLL Datasheet
419Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT5018BLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M34BLL ADPOW-APT20M34BLL_04 Datasheet
205Kb / 5P
   POWER MOS 7 MOSFET
APT1003RKLL ADPOW-APT1003RKLL Datasheet
95Kb / 5P
   POWER MOS 7 MOSFET
logo
Microsemi Corporation
APT6010B2LLG MICROSEMI-APT6010B2LLG Datasheet
265Kb / 5P
   POWER MOS 7 MOSFET
logo
Advanced Power Technolo...
APT5024BLL ADPOW-APT5024BLL Datasheet
163Kb / 5P
   POWER MOS 7 MOSFET
APT20M16B2LL ADPOW-APT20M16B2LL_04 Datasheet
164Kb / 5P
   POWER MOS 7 MOSFET
APT20M36BLL ADPOW-APT20M36BLL_04 Datasheet
167Kb / 5P
   POWER MOS 7 MOSFET
APT50M50JLL ADPOW-APT50M50JLL Datasheet
155Kb / 5P
   POWER MOS 7 MOSFET
APT5010B2LL ADPOW-APT5010B2LL_04 Datasheet
173Kb / 5P
   POWER MOS 7 MOSFET
APT20M20JLL ADPOW-APT20M20JLL_04 Datasheet
160Kb / 5P
   POWER MOS 7 MOSFET
APT5014BLL ADPOW-APT5014BLL_04 Datasheet
166Kb / 5P
   POWER MOS 7 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com