Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C1063RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C1063RAC
Description  Surface Mount Ceramic Chip Capacitors - X7R Dielectric
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C1063RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C1063RAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Product Bulletin
Dimensions – Millimeters (Inches)
EIA Size
Code
Metric Size
Code
L
Length
W
Width
B
Bandwidth
S
Separation
1210
3225
3.2 (.126)
± 0.20 (.008)
2.5 (.098)
± 0.20 (.008)
0.50 (.02)
± 0.25 (.010)
N/A
See below for thickness dimension.
Capacitance Value
Capacitance
Values (μF)
KEMET Part
Number
Voltage
Capacitance
Tolerance
Thickness
mm
Qty
7” Reel
Qty
13” Reel
4.7
C1210C475(1)5RAC
50
K,M
2.5 (.098) ± 0.10 (.004)
1,000
4,000
6.8
C1210C685(1)3RAC
25
K,M
1.7 (.067) ± 0.20 (.008)
2,000
8,000
10.0
C1210C106(1)3RAC
25
K,M
2.5 (.098) ± 0.10 (.004)
1,000
4,000
Outline Drawing
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
TIN PLATE
NICKEL PLATE
F-9125 2/07
Surface Mount Ceramic Chip Capacitors – X7R Dielectric
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements based on room
temperature (25°C) parameters:
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 15% over that range.
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 500 megohm microfarads or
10G
Ω, whichever of the two is smaller.
Capacitance and Dissipation Factor (DF) measured at the following conditions. 1 kHz and 1 Vrms.
DF Limits for 50V product is 2.5% and for 25V product is 3.5%.
These components are suitable for reflow and wave soldering. All parts incorporate the standard KEMET barrier layer
of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching.
These chips will be supplied unmarked. However, marking is available as an extra cost option.
AEC-Q200 Rev. C - Automotive
RoHS 5 - SnPb termination
RoHS 6 - 100% tin termination
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The
information in this bulletin supplements that in the catalog.
(1) Insert capacitance tolerance K for ±10% or M for ±20%.
These components are also available with SnPb plated nickel barrier terminations as a option.
Electrical Parameters
Soldering Process
Marking
Qualification/Certification


Similar Part No. - C1210C1063RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C10613PAC KEMET-C1210C10613PAC Datasheet
21Kb / 2P
   Surface Mount Ceramic Chip Capacitors New Extended Values in X5R Dielectric
C1210C106J1RACTU KEMET-C1210C106J1RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C106J2RACTU KEMET-C1210C106J2RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C106J3NAC KEMET-C1210C106J3NAC Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
C1210C106J3NACTU KEMET-C1210C106J3NACTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C1210C1063RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C274K9RAC KEMET-C0603C274K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0805C125K9RAC KEMET-C0805C125K9RAC Datasheet
32Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K9RAC KEMET-C1206C275K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C473K1RAC KEMET-C0603C473K1RAC Datasheet
159Kb / 2P
   Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com