Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC3225T1R0MRK Datasheet(PDF) 7 Page - Kemet Corporation

Part # CBC3225T1R0MRK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBC3225T1R0MRK Datasheet(HTML) 7 Page - Kemet Corporation

Back Button CBC3225T1R0MRK Datasheet HTML 3Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 4Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 5Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 6Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 7Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 8Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 9Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 10Page - Kemet Corporation CBC3225T1R0MRK Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
7
1007 Case Size High Current Type (LB C2518 Series)
1007 Case Size Low RDC Type (LB R2518 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBC2518-T1R0MK
1.0
±20%
100
0.08
775
7.96
2,000
LBC2518-T1R5MK
1.5
±20%
80
0.11
660
7.96
2,000
LBC2518-T2R2MK
2.2
±20%
68
0.13
600
7.96
2,000
LBC2518-T3R3MK
3.3
±20%
54
0.16
500
7.96
2,000
LBC2518-T4R7MK
4.7
±20%
41
0.20
430
7.96
2,000
LBC2518-T6R8MK
6.8
±20%
38
0.30
360
7.96
2,000
LBC2518-T100MK
10
±20%
30
0.36
300
2.52
2,000
LBC2518-T150MK
15
±20%
23
0.65
250
2.52
2,000
LBC2518-T220MK
22
±20%
19
0.77
210
2.52
2,000
LBC2518-T330MK
33
±20%
15
1.50
170
2.52
2,000
LBC2518-T470MK
47
±20%
12
1.90
150
2.52
2,000
LBC2518-T680MK
68
±20%
9.5
2.80
120
2.52
2,000
LBC2518-T101MK
100
±20%
9.0
3.70
100
0.796
2,000
LBC25I8-T151MK
150
±20%
7.0
6.10
85
0.796
2,000
LBC2518-T221MK
220
±20%
5.5
8.40
70
0.796
2,000
LBC2518-T331MK
330
±20%
4.5
12.30
60
0.796
2,000
LBC2518-T471MK
470
±20%
3.5
22.00
45
0.796
2,000
LBC2518-T681MK
680
±20%
3.0
28.00
35
0.796
2,000
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBR2518-T1R0MK
1.0
±20%
100
0.045
400
7.96
2,000
LBR25I8-T2R2MK
2.2
±20%
68
0.07
280
7.96
2,000
LBR2518-T4R7MK
4.7
±20%
45
0.1
200
7.96
2,000
LBR2518-T100MK
10
±20%
30
0.19
180
2.52
2,000
LBR2518-T220MK
22
±20%
19
0.44
120
2.52
2,000
LBR2518-T470MK
47
±20%
11
0.84
95
2.52
2,000
LBR2518-T101MK
100
±20%
9
1.89
75
0.796
2,000
0805 Case Size Low RDC Type (LB R2012 Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
LBR2012-T1R0MK
1.0
±20%
100
0.07
200
7.96
3,000
LBR2012-T2R2MK
2.2
±20%
80
0.13
175
7.96
3,000
LBR20I2-T4R7MK
4.7
±20%
45
0.24
150
7.96
3,000
LBR2012-T100MK
10
±20%.
32
0.36
125
2.52
3,000
LBR2012-T220MK
22
±20%
16
1.00
100
2.52
3,000
LBR2012-T470MK
47
±20%
I 1
1.70
75
2.52
3,000
LBR2012-T101MK
100
±20%
8
4.00
50
0.796
3,000


Similar Part No. - CBC3225T1R0MRK

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC3225T1R0MR TAIYO-YUDEN-CBC3225T1R0MR Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Analog Devices
CBC3225T1R0MR AD-CBC3225T1R0MR Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
CBC3225T1R0MR AD-CBC3225T1R0MR Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
logo
Taiyo Yuden (U.S.A.), I...
CBC3225T1R0MR TAIYO-YUDEN-CBC3225T1R0MR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
logo
Analog Devices
CBC3225T1R0MR AD-CBC3225T1R0MR Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
More results

Similar Description - CBC3225T1R0MRK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com