Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR32BP240B3W4 Datasheet(PDF) 10 Page - Kemet Corporation

Part # CDR32BP240B3W4
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR32BP240B3W4 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button CDR32BP240B3W4 Datasheet HTML 6Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 7Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 8Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 9Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 10Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 11Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 12Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 13Page - Kemet Corporation CDR32BP240B3W4 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP/STANDARD
X5R CAPACITANCE RANGE
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used for 63 volt applications.
* EIA preferred chip sizes
C0805*
C1206*
C1210*
C1812*
C1825*
C2225
100V
50V 100V 50V 100V 50V
KC
KC
KC
100V
100V
50V
100V
50V
100V
DC
DC
DC
DC
DC
DC
DC
DC
DC
DD
DD
DD
DD
DD
DD
50V
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
CAP
TOL
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
274
334
394
474
564
684
824
105
125
155
185
225
CAP
CODE
6800
8200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
120,000
150,000
180,000
220,000
270,000
330,000
390,000
470,000
560,000
680,000
820,000
1,000,000
1,200,000
1,500,000
1,800,000
2,200,000
CAP.
PF
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
EB
EB
EB
EB
EB
EB
EC
EC
EC
EC
EB
EB
EB
EB
EB
EB
EB
EC
EC
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FC
FC
FC
FC
FD
FD
FD
FD
FD
FF
FH
FB
FB
FB
FC
FD
FD
FD
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GC
GC
GE
GE
GB
GB
GB
GB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HD
KB
KB
KB
KB
KB
KB
KB
KB
KC
KD
KD
M,Z
275
2,700,000
KD
Z5U CAPACITANCE RANGE
(KEMET's Z5U also meets Y5V Characteristics)
50V
100V
50V
100V
50V 100V 50V
100V
50V
100V 50V 100V
6,800 682
M,Z
DC
DC
8,200 822
M,Z
DC
DC
10,000
103
M,Z
DC
DC
EB
EB
12,000
123
M,Z
DC
EB
EB
15,000
153
M,Z
DC
EB
EB
18,000
183
M,Z
DC
EB
EB
22,000
223
M,Z
DC
EB
EB
27,000
273
M,Z
DC
EB
EB
33,000
333
M,Z
DC
EB
EB
39,000
393
M,Z
DD
EB
EC
47,000
473
M,Z
DD
EB
EC
FB
FB
56,000
563
M,Z
DD
EB
EB
FB
FB
68,000
683
M,Z
DD
EB
EB
FB
FB
82,000
823
M,Z
DD
EB
EB
FB
FC
GB
GB
100,000
104
M,Z
DD
EB
EB
FB
FD
GB
GB
120,000
124
M,Z
EC
FB
FD
GB
GB
150,000
154
M,Z
EC
FC
FD
GB
GB
180,000
184
M,Z
EC
FC
GB
HB
HB
220,000
224
M,Z
EC
FC
GB
HB
HB
270,000
274
M,Z
FC
GB
HB
HB
330,000
334
M,Z
FD
GB
HB
HB
KB
KC
390,000
394
M,Z
FD
GB
HB
HD
KB
KC
470,000
474
M,Z
FD
GB
HB
KB
KC
560,000
564
M,Z
FD
GC
HB
KB
680,000
684
M,Z
FD
GC
HB
KB
820,000
824
M,Z
FF
GE
HB
KB
1,000,000
105
M,Z
FH
GE
HB
KB
1,200,000
125
M,Z
HB
KB
1,500,000
155
M,Z
HB
KC
1,800,000
185
M,Z
HB
KD
2,200,000
225
M,Z
HB
KD
2,700,000
275
M,Z
KD
C1825*
C2225
Cap
pF
Cap
Code
Cap
Tol.
C0805*
C1206*
C1210*
C1812*
See page 7
8 for Thickness Code Reference Chart.
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
+Reflow only
° Available M ±20% tolerance only
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET's option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
76
6.3V 16V 6.3V 10V
16V 6.3V
10V
16V
25V
4V
6.3V 10V 16V 25V 6.3V 10V 16V 25V 6.3V 10V 16V 25V 50V
10,000
103
K,M
AA~
12,000
123
K,MBB
BB
BB
15,000
153
K,MBB
BB
BB
18,000
183
K,MBB
BB
BB
22,000
223
K,MBB
BB
BB
27,000
273
K,MBB
BB
BB
33,000
333
K,MBB
BB
BB
39,000
393
K,MBB
BB
BB
47,000
473
K,MBB
BB
BB
56,000
563
K,MBB
BB
BB
68,000
683
K,MBB
BB
BB
82,000
823
K,MBB
BB
BB
100,000
104
K,M
AA~
BB
BB
BB
120,000
124
K,M
150,000
154
K,M
180,000
184
K,M
220,000
224
K,MBB
270,000
274
K,MCC
CC
CC
EB
330,000
334
K,MCC
CC
CC
EB
390,000
394
K,MCC
CC
CC
EB
470,000
474
K,MCC
CC
CC
DC
EC
560,000
564
K,MCC
CC
CC
DD
ED
680,000
684
K,MCC
CC
CC
DE
EE
820,000
824
K,MCC
CC
CC
DF
EF
1,000,000
105
K,M
BB
BB
CC
CC
CC
CD
DG
DG
DG
DG
EH
FH+ FH+ FH+
1,200,000
125
K,M
DD
DD
DD
EC
FD+ FD+
1,500,000
155
K,M
DE
DE
DE
EC
EC
EC
EC
FD+ FD+
1,800,000
185
K,M
DH
DH
DH
EC
EC
EC
EC
FD+ FD+
2,200,000
225
K,M
BB°
CC+
CC+ CC+
DD
DG
DD
EE
EE
EE
EE
FG+ FG+
2,700,000
275
K,M
EF
EF
EF
EF
FG+ FG+
3,300,000
335
K,M
DE
DE
DH
EH
EH
EH
EH
FH+ FH+
4,700,000
475
K,M
CD+
DH
DH
DH
EH
EH
EH
EH
FK+
FK+ FK+ FK+
5,600,000
565
K,M
6,800,000
685
K,M
ED
ED
EH
FJ+
FJ+
FJ+
FF+
8,200,000
825
K,M
ED
ED
EH
FK+
FK+ FK+ FG+
10,000,000
106
K,M
CD°+
DJ+
DJ+ DK+
EH
EH
EH
EH+
FK+
FK+ FK+ FH+
12,000,000
126
K,M
FD+
FD+ FG+
15,000,000
156
K,M
FD+
FD+ FL+
18,000,000
186
K,M
FL+
FL+ FH+
22,000,000
226
K,M
DH°+
EH+
FH+
FH+ FJ+
27,000,000
276
K,M
33,000,000
336
K,M
39,000,000
396
K,M
47,000,000
476
K,M
DJ°+
EH°+
FQ°+
100,000,000
107
K,M
EH°+
FQ°+
C1206*
C1210*
C0402*
C0805*
Cap
pF
Cap
Code
Cap
Tolerance
C0603*
0201


Similar Part No. - CDR32BP240B3W4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR32BP240B AVX-CDR32BP240B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR32BP240B--- KSS-CDR32BP240B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
More results

Similar Description - CDR32BP240B3W4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com