Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK-0603-1N5STK Datasheet(PDF) 4 Page - Kemet Corporation

Part # HK-0603-1N5STK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

HK-0603-1N5STK Datasheet(HTML) 4 Page - Kemet Corporation

  HK-0603-1N5STK Datasheet HTML 1Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 2Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 3Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 4Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 5Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 6Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 7Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 8Page - Kemet Corporation HK-0603-1N5STK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
4
Features:
Operating Temperature:
• Small size wound chip inductor with low DC resistance
• -25ºC to +105ºC (including self-generated heat)
• Dimension without directional influence on mountability
and characteristics
• Excellent Q and SRF (LB H1608 Series)
Applications:
• Digital Still Cameras (DSC), Digital Video Cameras (DVC),
PDA’s and other portable digital equipment
• Portable telephones and wireless LAN (LB H1608 Series)
KEMET Designator
Inductance
Examples: 3N9 = 0.0039μH
10N = 0.01μH
R10 = 0.1μH
1R0 = 1.0μH
100 = 10μH
101 = 100μH
Inductance Tolerance
K = ±10%, M = ±20%
Type
LB- =Standard Type
LBC = High Current Type
LBR = Low Rdc Type
LBMF = Bottom Surface Electrode
(See Part Number Table)
Packaging Code
T = Tape & Reel
LB-
-
(-) Required to complete Part Number
2012
T
101
M
K
E
T
W
L
Wire Wound Chip Inductors - LB Series
Part Numbering Table
Dimension Table in millimeters (inches)
Case Size
1608 (0603)
2012 (0805)
2016 (0806)
2518 (1007)
3218 (1207)
Dim.
Code
EIA
Case
Size
L
Length
(inches)
W
Width
(inches)
T
Thickness
Maximum
(inches)
E
(inches)
1608
0603
1.6 ±0.1
(0.063 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.35 ±0.2
(0.014 ±0.008)
2012
0805
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
2016
0806
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
2518
1007
2.5 ±0.2
(0.098 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
3218
1207
3.2 ±0.2
(0.128 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
0.6 ±0.2
(0.024 ±0.008)


Similar Part No. - HK-0603-1N5STK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HK-2 ETC2-HK-2 Datasheet
291Kb / 1P
   Mac 8’s terminals for printed boards
HK-2-G ETC2-HK-2-G Datasheet
291Kb / 1P
   Mac 8’s terminals for printed boards
HK-2-G ETC2-HK-2-G Datasheet
55Kb / 2P
   HK Series / Test Point for Auto Insertion
HK-2-S ETC2-HK-2-S Datasheet
291Kb / 1P
   Mac 8’s terminals for printed boards
HK-2-S ETC2-HK-2-S Datasheet
55Kb / 2P
   HK Series / Test Point for Auto Insertion
More results

Similar Description - HK-0603-1N5STK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com