Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C1551CQ48 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C1551CQ48
Description  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1551CQ48 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C1551CQ48 Datasheet HTML 2Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 3Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 4Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 5Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 6Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 7Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 8Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 9Page - Exar Corporation ST16C1551CQ48 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ST16C1550/51
xr
2.97V TO 5.5V UART WITH 16-BYTE FIFO
REV. 4.2.1
6
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
DTR#
23
23
32
O
Data Terminal Ready or general purpose output (active low). If this pin is not
needed for modem communication, then it can be used as a general I/O. If it
is not used, leave it unconnected.
DSR#
26
26
39
I
Data Set Ready input or general purpose input (active low). If this pin is not
needed for modem communication, then it can be used as a general I/O. If it
is not used, connect it to VCC.
CD#
27
27
40
I
Carrier Detect input or general purpose input (active low). If this pin is not
needed for modem communication, then it can be used as a general I/O. If it
is not used, connect it to VCC.
RI#
17
16
21
I
Ring Indicator input or general purpose input (active low). If this pin is not
needed for modem communication, then it can be used as a general I/O. If it
is not used, connect it to VCC.
ANCILLARY SIGNALS
CLK
-
12
-
I
External Clock Input. This function is associated with 28 pin PDIP and 28 pin
PLCC packages only. An external clock must be connected to this pin to clock
the baud rate generator and internal circuitry.
XTAL1
12
-
15
I
Crystal or external clock input. See
Figure 4 for typical oscillator connec-
tions.
XTAL2
13
-
16
O
Crystal or buffered clock output. See
Figure 4 for typical oscillator connec-
tions.
RESET
24
24
33
I
Reset Input (active high). When it is asserted, the UART configuration regis-
ters are reset to default values, see
Table 8.
RST
-
17
22
O
Reset Output (active high). This output is only available on the ST16C1551.
When IER bit-5 is a logic 0, RST will follow the logical state of the RESET pin.
When IER bit-5 is a logic 1, the user may send software (soft) resets via MCR
bit-2. Soft resets from MCR bit-2 are “ORed” with the state of the RESET pin.
VCC
28
28
41
Pwr Power supply input.
GND
15
14
19
Pwr Power supply common ground.
N.C.
-
-
1, 2,
10-14,
18,
24-26,
29,
35-38,
42, 44,
48
-
Not connected.
NAME
28-PIN
PLCC
(1550)
28-PIN
PLCC
(1551)
48-PIN
TQFP
TYPE
DESCRIPTION


Similar Part No. - ST16C1551CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1551CQ48 EXAR-ST16C1551CQ48 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C1551CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com