Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5775AN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5775AN
Description  Differential air core meter driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5775AN Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5775AN Datasheet HTML 1Page - NXP Semiconductors SA5775AN Datasheet HTML 2Page - NXP Semiconductors SA5775AN Datasheet HTML 3Page - NXP Semiconductors SA5775AN Datasheet HTML 4Page - NXP Semiconductors SA5775AN Datasheet HTML 5Page - NXP Semiconductors SA5775AN Datasheet HTML 6Page - NXP Semiconductors SA5775AN Datasheet HTML 7Page - NXP Semiconductors SA5775AN Datasheet HTML 8Page - NXP Semiconductors SA5775AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
SA5775A
Differential air-core meter driver
1999 Sep 20
4
Table 2.
SA5775A Pin Descriptions for the D Package (Small Outline)
Pin #
Name
Function
1.
SIN–
Negative output connection to the SIN coil of the gauge.
2.
SIN+
Positive output connection to the SIN coil of the gauge.
3.
NC
No connect
4.
NC
No connect
5.
NC
No connect
6.
AGND
Ground for VIGN supply. Pins 6, 20 and 23 connected on the circuit board.
7.
VIGN
Analog supply. Nominally 14.0V.
8.
DATAOUT
Serial data output. Output of the internal shift register. When a new data word is shifted in, the old word is shifted out the
DATAOUT pin.
9.
DATAIN
Serial data input. A new data word is serially shifted into the part on the rising edge of SCLK. The data is shifted in MSB first.
10.
NC
No connect
11.
NC
No connect
12.
NC
No connect
13.
VCC
5 V logic supply. The internal latches and registers are set to zero on the rising edge of this signal.
14.
OE
Output drivers are turned off when this input is low. Current draw is minimized.
15.
SCLK
Serial clock input. Data is loaded into the part on the rising edge of SCLK.
16.
CS
Active high chip select input. When CS is high, the part is enabled to receive a new serial input word. The high-to-low
transition of CS loads the new 10-bit word into the DAC registers and updates the output.
17.
NC
No connect
18.
NC
No connect
19.
ST
Status output from this IC to indicate that the outputs have been disabled. The outputs may be disabled due to shorted out-
puts, over temperature conditions, power up reset, or output enable control pin. This output is an open drain output. Multiple
status outputs may be wire OR’ed together. This output is low when the outputs are disabled due to a fault condition.
20.
DGND
Ground for VCC supply. Connect to Pins 6 and 23.
21.
NC
No connect
22.
NC
No connect
23.
AGND
Ground for VBB supply. Connect to Pins 6 and 20.
24.
NC
No connect
25.
NC
No connect
26.
NC
No connect
27.
COS–
Negative output connection to the COS coil of the gauge.
28.
COS+
Positive output connection to the COS coil of the gauge.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VIGN
Analog supply
-1 to +23
V
VCC
Digital supply
-1 to +6
V
DGND to AGND
Ground difference
-0.3 to +0.3
V
VIN
Digital input voltage, Data In, OE, CS, SCLK
-1 to +7
V
PD
Power dissipation (TA = 25°C)1
D and N packages
1500
mW
TA
Ambient operating temperature
–40 to +85
°C
TJ
Junction temperature
150
°C
θJA
DIP and SO packages
90
°C/W
NOTE:
1. For power dissipation ratings in still air, derate above 25
°C at the following rates:
D and N packages at 12mW/
°C


Similar Part No. - SA5775AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
SA577 PHILIPS-SA577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5777AD PHILIPS-SA5777AD Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5777AN PHILIPS-SA5777AN Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
More results

Similar Description - SA5775AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
   Air-Core Meter Driver
logo
NTE Electronics
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
   Integrated Circuit Air Core Meter Driver
logo
ON Semiconductor
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com