Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491S225M035AG Datasheet(PDF) 6 Page - Kemet Corporation

Part # T491S225M035AG
Description  Surface Mount Capacitors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491S225M035AG Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T491S225M035AG Datasheet HTML 2Page - Kemet Corporation T491S225M035AG Datasheet HTML 3Page - Kemet Corporation T491S225M035AG Datasheet HTML 4Page - Kemet Corporation T491S225M035AG Datasheet HTML 5Page - Kemet Corporation T491S225M035AG Datasheet HTML 6Page - Kemet Corporation T491S225M035AG Datasheet HTML 7Page - Kemet Corporation T491S225M035AG Datasheet HTML 8Page - Kemet Corporation T491S225M035AG Datasheet HTML 9Page - Kemet Corporation T491S225M035AG Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
TANTALUM CHIP CAPACITORS
T498 SERIES - High Temperature (150° C)
The T498 Series is a high temperature version of
KEMET's solid tantalum chip family that offers optimal
performance in applications with operating tempera-
tures of up to 150° C. Advancements in materials and
testing have allowed for the introduction of this series
which delivers a reliability level of 0.5% per 1000 hours
at rated voltage at rated temperature.
This series is
available in five standard EIA case sizes with RoHS-
Compliant/100% matte tin finish lead terminations as
standard.
Other termination options include
90Sn/10Pb finishes and gold for conductive adhesive
attachment processes.
Capacitance values range
from .47µF to 220µF, in voltage ratings from 4 to 50
volts.
T510 Series — High Capacitance – Low ESR
The ultra-low ESR T510 Series is a breakthrough in
solid tantalum capacitor technology. KEMET’s T510
Series offers low ESR in the popular EIA 7343-43 and
7360-38 case sizes. The ultra-low ESR and high ripple
current capability make the T510 an ideal choice for
SMPS filtering and power decoupling of today’s high
speed microprocessors.
KEMET has developed an innovative construction
platform that incorporates multiple capacitor elements,
in parallel, inside a single package. This unique
assembly, combined with KEMET’s superior process-
ing technology, provides the best combination of high
CV, low ESR, and small size in a user friendly, molded,
surface mount package.
T520 SERIES — Conductive Polymer
The Kemet Organic Capacitor (KO-CAP) is a
Tantalum capacitor, with a Ta anode and Ta
2O 5
dielectric. However, a conductive, organic, polymer
replaces the MnO2 as the cathode plate of the
capacitor. This results in very low ESR and improved
cap retention at high frequency. The KO-CAP also
exhibits a benign failure mode, which eliminates the
ignition failures that can occur in standard MnO2
Tantalum types. Note also that KO-CAPs may be
operated at voltages up to 90% of rated voltage for
part types with rated voltage
≤ 10 volts and up to
80% of rated voltage for part types > 10 volts with
equivalent or better reliability than standard tantalums
operated at 50% of rated voltage.
The T520 series captures the best features of mul-
tilayer ceramic caps (low ESR and high frequency
cap retention), aluminum electrolytics (benign failure
mode), and proven solid tantalum technology (volu-
metric efficiency, surface mount capability, and no
wearout mechanism). The KO-CAP can reduce
component counts, eliminate through-hole assem-
bly by replacing cumbersome leaded aluminum
capacitors, and offer a more cost effective solution
to high-cost high-cap ceramic capacitors. These
benefits allow the designer to save both board
space and money. See pages 42-52 for complete
details.
T525 SERIES — High Temperature Conductive Polymer
The T525 Series is a version of KEMET’s Tantalum
Polymer Capacitor rated up to 125ºC. This part type
was introduced as Lead (Pb) Free and offers the
same advantages as the T520 KO-CAP. This includes
low ESR, high frequency capacitance retention and
benign failure mode.
T530 SERIES — Conductive Polymer High
Capacitance — Ultra Low ESR
KEMET is offering a multiple anode tantalum chip
capacitor with a polymer material replacing the MnO2
offering non-ignition, self-healing, 125 C performance
capability with higher conductivity material that low-
ers the ESR. Packaged as multiple anodes to reduce
the depth that the signal must penetrate, this parallel
arrangement reduces the ESR further still to achieve
the highest capacitance and lowest ESR of any other
type of SMT capacitor with typical ESR values as low
as 5 milliohms. With the reduced ESR, the enhanced
capacitance retention in higher frequencies results in
the lowest total capacitance solution and provides for
the most economical solution in high power applica-
tions.
PRODUCT DESCRIPTION
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
4


Similar Part No. - T491S225M035AG

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491S225K016AS-F CDE-T491S225K016AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results

Similar Description - T491S225M035AG

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com