Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA611DK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA611DK
Description  1GHz low voltage LNA and mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA611DK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA611DK Datasheet HTML 6Page - NXP Semiconductors SA611DK Datasheet HTML 7Page - NXP Semiconductors SA611DK Datasheet HTML 8Page - NXP Semiconductors SA611DK Datasheet HTML 9Page - NXP Semiconductors SA611DK Datasheet HTML 10Page - NXP Semiconductors SA611DK Datasheet HTML 11Page - NXP Semiconductors SA611DK Datasheet HTML 12Page - NXP Semiconductors SA611DK Datasheet HTML 13Page - NXP Semiconductors SA611DK Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
SA611
1GHz low voltage LNA and mixer
1999 Mar 26
10
3
CH1
S22
1 U FS
2
1
4
1:
40.5
-28.2
700 MHz
2:
36.1
-12.4
800 MHz
3:
34.7
3.5
900 MHz
START
700. 000 000 MHz
STOP
1 200. 000 000 MHz
SR01253
4:
34.9
3.74
661.4 pH
900 MHz
Figure 8. Typical S22 of LNA at 3V
CH1
S21
10 U FS
1:
6.7 U
142.5
°
200 MHz
2:
5.9 U
112.3
°
400 MHz
3:
5.9 U
78.1
°
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
1
3
2
4
SR01254
4:
4.5 U
21.2
°
900 MHz
Figure 9. Typical S21 of LNA at 3V


Similar Part No. - SA611DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA612 PHILIPS-SA612 Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612AD PHILIPS-SA612AD Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612AD PHILIPS-SA612AD Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
More results

Similar Description - SA611DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
   Single Band LNA and Mixer FEIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com