Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBM505-4.2X4 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPBM505-4.2X4
Description  300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPBM505-4.2X4 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPBM505-4.2X4 Datasheet HTML 1Page - Solid States Devices, Inc SPBM505-4.2X4 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2x Ø.125
Discharge Voltage
(TA = 25
oC)
Discharge Voltage
(IF = 300A)
Charge Voltage
(TA = 25
oC)
Charge Voltage
Charge Leakage Current
(VR = 4.0V)
Insulation Resistance (All terminals to Base @200V)
SOLID STATE DEVICES, INC.
PACKAGE OUTLINE: SPBM505-4.2x1
SPBM505-4.2x1
SPBM505-4.2x4
ELECTRICAL CHARACTERISTICS (per Section)
RATING
SYMBOL
MIN
MAX
UNIT
IF = 100A
IF = 200A
IF = 300A
TA = -40
oC
TA = +100
oC
IF = 15mA
IF = 20A
IF = 15mA, TA = -40
oC
IF = 20A, TA = -40
oC
IF = 20A, TA = +100
oC
TA = 25
oC
TA = -40
oC
TA = +100
oC
VFD1
VFD2
VFD3
VFD4
VFD5
VFC1
VFC2
VFC3
VFC4
VFC5
IRC1
IRC2
IRC3
RINS
.52
.55
.67
.70
.62
--
4.75
--
4.75
4.75
10
10
10
--
Volts
--
--
--
--
--
4.20
4.25
4.20
4.25
4.25
--
--
--
1.0
Volts
Volts
G
S
Volts
mA
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
NOTES:
(Unless otherwise specified)
All dimensions are in inches
For -x4 Package Outline Contact Factory.
Tolerances
(Unless specified):
".03
".010
.XX
.XXX
AVAILABLE TERMINAL CONFIGURATIONS
PART No.
THREAD TYPE
THREAD SIZE
SPBM505-4.2x1
INCH FEMALE
6-32 UNC-2B
SPBM505-4.2x1A
INCH MALE
6-32 UNC-2A
SPBM505-4.2x1M
METRIC FEMALE
M4 x 0.7
SPBM505-4.2x1MA
METRIC MALE
M4 x 0.7
PART No.
THREAD TYPE
THREAD SIZE
SPBM505-4.2x4
INCH FEMALE
6-32 UNC-2B
SPBM505-4.2x4A
INCH MALE
6-32 UNC-2A
SPBM505-4.2x4M
METRIC FEMALE
M4 x 0.7
SPBM505-4.2x4MA
METRIC MALE
M4 x 0.7


Similar Part No. - SPBM505-4.2X4

ManufacturerPart #DatasheetDescription
logo
StarHope
SPB SPSEMI-SPB Datasheet
728Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
logo
Solid States Devices, I...
SPB-002 SSDI-SPB-002 Datasheet
49Kb / 2P
   10 AMP 20 VOLTS BYPASS DIODE ASSEMBLY
logo
List of Unclassifed Man...
SPB-1.0-250N-S ETC2-SPB-1.0-250N-S Datasheet
232Kb / 8P
   Crimping tools and machines
SPB-1.0-250N-S ETC2-SPB-1.0-250N-S Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Mean Well Enterprises C...
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
More results

Similar Description - SPBM505-4.2X4

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMR467-02 SSDI-SPMR467-02 Datasheet
159Kb / 2P
   300 AMPS DISCHARGE 60 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
SPMS506-01 SSDI-SPMS506-01 Datasheet
58Kb / 2P
   150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25 Datasheet
58Kb / 2P
   25 Amps,20 Amps,8.33 Amps
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
   SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
Solid States Devices, I...
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Solid States Devices, I...
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
   BATTERY BYPASS POWER MODULE
logo
Shenzhen Huazhimei Semi...
HM5818 HMSEMI-HM5818 Datasheet
517Kb / 5P
   Lithium battery charge and discharge SOC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com