Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMR527F04 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPMR527F04
Description  320/400 Amps 100/30 Volts 3 PHASE BRIDGE POWER MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMR527F04 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPMR527F04 Datasheet HTML 1Page - Solid States Devices, Inc SPMR527F04 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Terminal Option F
Terminal Option B
SOLID STATE DEVICES, INC.
PACKAGE OUTLINE: SPMR527
SPMR527
Series
ELECTRICAL CHARACTERISTICS (per Leg)
RATING
SYMBOL
MAX
UNIT
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
VF3
IR1
IR2
mA
5.0
100
Reverse Leakage Current
(Rated VR, 300µs pulse min.)
Forward Voltage Drop
(TA = 25
oC, 300
µsec Pulse )
0.71
0.91
VDC
VF1
VF2
Forward Voltage Drop
(IF = Rated IO per Leg, TC = 125
oC, 300
µsec pulse )
0.74
CJ
pF
3200
Junction Capacitance
(VR = 5VDC, TA = 25
oC, f = 1MHz)
IF = 1/3 of Rated IO per Leg
IF = Rated IO per Leg
TA = 25
oC
TA = 125
oC
VDC
RISO
nA
500
Isolation Leakage Curent
(All terminals in Common to Base @500V)
12
500
0.55
0.78
0.73
7500
500
7.5
500
0.46
0.65
0.60
7500
500
-10
-04
-03
NOTES:
(Unless otherwise specified)
All dimensions are in inches
Tolerances (Unless specified):
".03
".010
.XX
.XXX
Contact Factory for Outline with Other
Terminals
Terminal Option M


Similar Part No. - SPMR527F04

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMR534 SSDI-SPMR534 Datasheet
50Kb / 2P
   60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
SPMR534-18FT SSDI-SPMR534-18FT Datasheet
50Kb / 2P
   60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
SPMR534-18ST SSDI-SPMR534-18ST Datasheet
50Kb / 2P
   60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
SPMR534-18UFT SSDI-SPMR534-18UFT Datasheet
50Kb / 2P
   60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
SPMR534-25FT SSDI-SPMR534-25FT Datasheet
50Kb / 2P
   60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
More results

Similar Description - SPMR527F04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
logo
Solid States Devices, I...
SDA167UF SSDI-SDA167UF Datasheet
153Kb / 2P
   25 AMPS 400 - 800 VOLTS THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA165DUF SSDI-SDA165DUF Datasheet
26Kb / 2P
   10 AMPS 400 - 1000 VOLTS ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
SFA1202ME4 SSDI-SFA1202ME4 Datasheet
342Kb / 2P
   10 AMPS 200 - 400 VOLTS 20 nsec HYPER SINGEL PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
MDQ30 NAINA-MDQ30 Datasheet
146Kb / 2P
   Single Phase Bridge Rectifier, 30 Amps
MDS30 NAINA-MDS30 Datasheet
158Kb / 2P
   Three Phase Bridge Rectifier, 30 Amps
MDS100 NAINA-MDS100 Datasheet
275Kb / 2P
   Three Phase Bridge Rectifier, 100 Amps
logo
Microsemi Corporation
APTDR40X1601G MICROSEMI-APTDR40X1601G Datasheet
152Kb / 3P
   3 Phase rectifier bridge Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com