Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T497C106K010BT6115 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T497C106K010BT6115
Description  HIGH GRADE COTS TANTALUM CHIPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T497C106K010BT6115 Datasheet(HTML) 1 Page - Kemet Corporation

  T497C106K010BT6115 Datasheet HTML 1Page - Kemet Corporation T497C106K010BT6115 Datasheet HTML 2Page - Kemet Corporation T497C106K010BT6115 Datasheet HTML 3Page - Kemet Corporation T497C106K010BT6115 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb-free/RoHS Compliant: Available
100% Accelerated Steady State Aging
Self-healing Mechanism
Surge Current Testing Available
Various Termination Options
100% Thermal Shock
Capacitance: 0.10 to 150 μF
Low Profile Case Sizes
Voltage: 4V to 25V
Customer Defined Performance Options
FEATURES
DIMENSIONS - INCHES (Millimeters)
OUTLINE DRAWING
KEMET ORDERING INFORMATION
F3271C 05/06
KEMET HIGH GRADE COTS TANTALUM CHIPS - T497 SERIES
Performance Options
6110 Standard Features
6115 Surge = None, 100% X-Ray
6210 Surge = 10 Cycles, +25ºC
6215 Surge = 10 Cycles, +25ºC, 100% X-Ray
6410 Surge = 10 Cycles, -55ºC and +85ºC
6415 Surge = 10 Cycles, -55ºC and +85ºC,
100% X-Ray
Lead Material
T = 100% Tin
B = Gold
H = SnPb (5% Pb minimum)
Capacitance Tolerances
M = ±20%; K = ±10%
Failure Rate
A = Not Applicable
B = 0.1%/1000 Hrs.
C = 0.01%/1000 Hrs.
Tantalum
Series
T497 High Grade
Case Size
A,B,C,D,E,F,G,H,X
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
T
497 D
156 M 006
A
T
6XXX
Voltage
As shown
Note: 006 = 6.3V
For custom low leakage and ESR solutions, contact your local KEMET Sales Representative.
KEMET
Size
Code
L
Length
± .38 (.015)
W
Width
± 0.38 (.015)
H
Height
± 0.38 (.015)
P
+0.25 (.010)
- 0.13 (.005)
W2
H2
Minimum
A
2.54 (.100)
1.27 (.050)
1.27 (.050
0.76 (.030)
1.27 ± 0.13 (.050 ± .005)
0.76 (.030)
B
3.81 (.150)
1.27 (.050)
1.27 (.050)
0.76 (.030)
1.27 ± 0.13 (.050 ± .005)
0.76 (.030)
C
5.08 (.200)
1.27 (.050)
1.27 (.050)
0.76 (.030)
1.27 ± 0.13 (.050 ± .005)
0.76 (.030)
D
3.81 (.150)
2.54 (.100)
1.27 (.050)
0.76 (.030)
2.41 + .13, -.25 (.095 + .005, -.010)
0.76 (.030)
E
5.08 (.200)
2.54 (.100)
1.27 (.050)
0.76 (.030)
2.41 + .13, -.25 (.095 + .005, -.010)
0.76 (.030)
F
5.59 (.220)
3.43 (.135)
1.78 (.070)
0.76 (.030)
3.30 ± 0.13 (.130 ± .005)
1.02 (.040)
G
6.73 (.265)
2.79 (.110)
2.79 (.110)
1.27 (.050)
2.67 ± 0.13 (.105 ± .005)
1.52 (.060)
H
7.24 (.285)
3.81 (.150)
2.79 (.110)
1.27 (.050)
3.68 + 0.13, -0.51 (.145 + .005 - .020)
1.52 (.060)
X
6.93 (.273)
5.41 (.213)
2.74 (.108)
1.19 (.047)
3.05 ± 0.13 (.120 ± .005)
1.22 (.048)
Product Bulletin


Similar Part No. - T497C106K010BT6115

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T497F685K025BH6110 KEMET-T497F685K025BH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 6.8 uF, 10%, 25 V, 5634, SMD, MnO2, Molded, COTS, Medical, B (0.1%/1000Hrs), 3 Ohms, Height Max = 2.16mm
T497H106K035AH6110 KEMET-T497H106K035AH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 10 uF, 10%, 35 V, 7238, SMD, MnO2, Molded, COTS, Medical, A (Non-ER), 900mOhms, Height Max = 3.17mm
T497H475K050BH6110 KEMET-T497H475K050BH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 4.7 uF, 10%, 50 V, 7238, SMD, MnO2, Molded, COTS, Medical, B (0.1%/1000Hrs), 1.5 Ohms, 3.17mm
More results

Similar Description - T497C106K010BT6115

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
   Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
Kemet Corporation
TSP2D447M010AH6510D540 KEMET-TSP2D447M010AH6510D540 Datasheet
78Kb / 1P
   Tantalum, Polymer Tantalum, COTS, TSP, 440 uF, 20%, 10 V, 2D
T550B396M060AH KEMET-T550B396M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 39 uF, 20%, 60 V, 160 mOhms
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
T550B397M015AH KEMET-T550B397M015AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 390 uF, 20%, 15 V, 90 mOhms
T550B206M060AH KEMET-T550B206M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 20 uF, 20%, 60 V, 200 mOhms
logo
Ohmite Mfg. Co.
AMC OHMITE-AMC Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com