Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C317C109G5G5CA Datasheet(PDF) 6 Page - Kemet Corporation

Part # C317C109G5G5CA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C109G5G5CA Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C317C109G5G5CA Datasheet HTML 2Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 3Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 4Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 5Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 6Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 7Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 8Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 9Page - Kemet Corporation C317C109G5G5CA Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
12
For packaging information, see pages 40 and 41.
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLDEN MAX”
RATINGS & PART NUMBER REFERENCE: ULTRA-STABLE TEMPERATURE CHARACTERISTICS — C0G/NPO CONT.
50
100
200
500
1k
50
100
200
500
1k
1.5k
2k
50
100
200
500
1k
1.5k
2k
2.5k
3k
50
100
200
500
1k
2k
3k
50
100
200
500
1k
2k
3k
100
101
F,G,J
110
111
F,G,J
120
121
F,G,J
130
131
F,G,J
150
151
F,G,J
160
161
F,G,J
180
181
F,G,J
200
201
F,G,J
220
221
F,G,J
240
241
F,G,J
270
271
F,G,J
300
301
F,G,J
330
331
F,G,J
360
361
F,G,J
390
391
F,G,J
430
431
F,G,J
470
471
F,G,J
510
511
F,G,J
560
561
F,G,J
620
621
F,G,J
680
681
F,G,J
750
751
F,G,J
820
821
F,G,J
910
911
F,G,J
1000
102
F,G,J
1100
112
F,G,J
1200
122
F,G,J
1300
132
F,G,J
1500
152
F,G,J
1600
162
F,G,J
1800
182
F,G,J
2000
202
F,G,J
2200
222
F,G,J
2400
242
F,G,J
2700
272
F,G,J
3000
302
F,G,J
3300
332
F,G,J
3600
362
F,G,J
3900
392
F,G,J
4300
432
F,G,J
4700
472
F,G,J
5100
512
F,G,J
5600
562
F,G,J
6200
622
F,G,J
6800
682
F,G,J
7500
752
F,G,J
8200
822
F,G,J
9100
912
F,G,J
.010uF
103
F,G,J
.015
123
F,G,J
.015
153
F,G,J
.018
183
F,G,J
.022
223
F,G,J
.027
273
F,G,J
.033
333
F,G,J
.039
393
F,G,J
.047
473
F,G,J
.056
563
F,G,J
.068
683
F,G,J
.082
823
F,G,J
.10
104
F,G,J
.12
124
F,G,J
Style
C31X
C32X
C34X
C35X
WVDC
WVDC
WVDC
WVDC
WVDC
Cap
Cap
Code
Cap
Tol
C33X


Similar Part No. - C317C109G5G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317C100J2G5TA KEMET-C317C100J2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C100J2G5TA91707303 KEMET-C317C100J2G5TA91707303 Datasheet
65Kb / 1P
   GoldMax 300 Auto C0G, Ceramic, 10 pF, 5%, 200 VDC, C0G, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C317C100J5G5TA KEMET-C317C100J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 10 pF, /-5% Tol, 50 V, C0G, Lead Spacing=0.2"||" "918046
Digital Proximity, Ambient Light, RGB and Gesture
C317C100K2G5TA KEMET-C317C100K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C101J1G5TA KEMET-C317C101J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
More results

Similar Description - C317C109G5G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com