Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491B155M035AS Datasheet(PDF) 11 Page - Kemet Corporation

Part # T491B155M035AS
Description  Surface Mount Capacitors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B155M035AS Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T491B155M035AS Datasheet HTML 7Page - Kemet Corporation T491B155M035AS Datasheet HTML 8Page - Kemet Corporation T491B155M035AS Datasheet HTML 9Page - Kemet Corporation T491B155M035AS Datasheet HTML 10Page - Kemet Corporation T491B155M035AS Datasheet HTML 11Page - Kemet Corporation T491B155M035AS Datasheet HTML 12Page - Kemet Corporation T491B155M035AS Datasheet HTML 13Page - Kemet Corporation T491B155M035AS Datasheet HTML 14Page - Kemet Corporation T491B155M035AS Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
10
1
0.1
-50
-25
0
25
50
75
100 125
Temperature - Degrees Centigrade
Multiplier of 100KHz ESR
11. AC Power Dissipation
Power dissipation is a function of capacitor size
and materials. Maximum power ratings have been
established for all case sizes to prevent overheat-
ing. In actual use, the capacitor’s ability to dissi-
pate the heat generated at any given power level
may be affected by a variety of circuit factors.
These include board density, pad size, heat sinks
and air circulation.
TABLE 5 Tantalum Chip Power Dissipation Ratings
12. AC Operation
Permissible AC ripple voltage and current are
related to equivalent series resistance (ESR) and
power dissipation capability.
Permissible AC ripple voltage which may be
applied is limited by three criteria:
a. The positive peak AC voltage plus the DC
bias voltage, if any, must not exceed the DC
voltage rating of the capacitor.
b. The negative peak AC voltage, in combination
with the bias voltage, if any, must not exceed
the permissible reverse voltage ratings pre-
sented in Table 3.
c. The power dissipated in the ESR of the capa-
citor must not exceed the appropriate value
specified in Table 5.
Actual power dissipated may be calculated from
the following:
P= l2 R
Substituting I = E
Z
where:
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P = power (watts)
Z = impedance at specified frequency (ohms)
R = equivalent series resistance at specified
frequency (ohms)
Using P max from Table 5, maximum allowable
rms ripple current or voltage may be determined
as follows:
I (max) =
P max/
R
E (max) = Z
P max/
R
These values should be derated at elevated tem-
peratures as follows:
Temperature
Derating Factor
85 C.9
125 C.4
ENVIRONMENTAL
13. Temperature Stability
TABLE 6 Temperature Stability Limits
Step
Leakage
Dissipation
No.
Temp.
Capacitance
Current
Factor
1
+25 C
within specified within original
within original
tolerance
limit
limit
2
-55 C
within ± 10%
N/A
within original
of initial value
limit**
3
+25 C
within ± 5%
within original
within original
of initial value
limit
limit**
4
+ 85 C
within ± 10%
within 10X
within original
of initial value
original limit
limit***
5
+125 C *within ± 12%or within 12X
within original
20% of initial
original limit
limit***
value
6
+25 C
within ± 5%
within original
within original
of initial value
limit
limit
*+12% is standard. +15% or +20% applies to certain CV values
Contact KEMET representative for details.
**within 1.5x initial limit for extended CV values.
***within 1.15x initial limit for extended CV values.
SOLID TANTALUM CHIP CAPACITORS
P= E
2R
Z
2
,
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
9
FIGURE 9b ESR & Impedance (z) vs Frequency
ESR and Z are also affected by temperature. At
100 kHz, ESR decreases with increasing temper-
ature. The amount of change is influenced by the
size of the capacitor and is generally more pro-
nounced on smaller ratings.
TANTALUM MnO
2 COMPONENT PERFORMANCE CHARACTERISTICS (con’t.)
KEMET
EIA
R
2012-12
S
3216-12
T
3528-12
U
6032-15
V
7343-20
A
3216-18
B
3528-21
C
3062-28
D
7343-31
X
7343-43
E
7260-38
T530D
7343-31
T510X, T530X
7343-43
T510E, T530E
7260-38
200
255
270
285
85
110
150
165
Case Code
Maximum Power Dissipation
mW @ +25°C w/+20°C Rise
25
75
60
70
90
125
FIGURE 10
Typical Effect of Temperature on 100 kHz ESR


Similar Part No. - T491B155M035AS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491B155K025AS-F CDE-T491B155K025AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491B155K025AT KEMET-T491B155K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 1.5 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 5 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B155M035AS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com