Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T493C227K006BK6410 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T493C227K006BK6410
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T493C227K006BK6410 Datasheet(HTML) 3 Page - Kemet Corporation

  T493C227K006BK6410 Datasheet HTML 1Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 2Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 3Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 4Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 5Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 6Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 7Page - Kemet Corporation T493C227K006BK6410 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
24
T493 RATINGS AND PART NUMBER REFERENCE
SOLID TANTALUM CHIP CAPACITORS
T493 SERIES—Military COTS
(1) To complete KEMET part number, insert M for ±20% or K for ±10% capacitance tolerance. To request ±5%
tolerance,contact KEMET sales representative.
(2) To complete KEMET part number, insert A for Non-ER; B for 0.1%/1000 Hrs.; or C for 0.01%/1000 Hrs. Reliability Level.
(3) To complete KEMET part number, insert B for Gold Plated (50 µ inch minimum); C for Hot Solder Dipped (60 µ inch
minimum); H for Solder Plated (100 µ inch minimum); K for Solder Fused (60 μ inch minimum Termination Finish or T for 100% Tin.
(4) To complete KEMET part number for Surge Current testing, insert 61 for none; 62 for 10 cycles +25°C; or 64 for 10
cycles, -55°C & +85°C.
(5) To complete KEMET part number, insert 10 for Standard ESR; 20 for Low ESR or 30 for Ultra-low ESR Option.
* Extended Values
#Maximum Capacitance Change @ 125°C = +15%
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DCL
µA @
25ºC
Max
DF %
@ +25ºC
120 Hz
Max
Std. ESR
Ohms
@+25°C
100 kHz
Max
Low ESR
Ohms
@+25°C
100 kHz
Max
Ultra-Low
ESR, Ohms
@+25°C
100 kHz
Max
33.0
B
T493B336(1)006(2)(3)(4)(5)
2.0
6.0
3.0
0.6
N/A
33.0
C
T493C336(1)006(2)(3)(4)(5)
2.0
6.0
1.8
0.3
N/A
47.0
B
T493B476(1)006(2)(3)(4)(5)
2.9
6.0
3.5
2.0
N/A
47.0
C
T493C476(1)006(2)(3)(4)(5)
2.9
6.0
1.6
0.25
0.25
47.0
D
T493D476(1)006(2)(3)(4)(5)
2.9
6.0
0.8
0.22
N/A
68.0
B
T493B686(1)006(2)(3)(4)(5)
4.1
8.0
1.0
0.65
N/A
68.0
C
T493C686(1)006(2)(3)(4)(5)
4.1
6.0
1.2
0.2
N/A
68.0
D
T493D686(1)006(2)(3)(4)(5)
4.1
6.0
0.8
0.2
0.18
#100.0
B
T493B107(1)006(2)(3)(4)(5)
6.3
15.0
10.0
8.0
0.70
100.0
C
T493C107(1)006(2)(3)(4)(5)
6.0
8.0
1.2
0.3
0.15
100.0
D
T493D107(1)006(2)(3)(4)(5)
6.0
8.0
0.8
0.15
N/A
#150.0
C
T493C157(1)006(2)(3)(4)(5)
9.0
8.0
1.2
0.3
0.20
150.0
D
T493D157(1)006(2)(3)(4)(5)
9.0
8.0
0.7
0.15
N/A
#220.0
C
T493C227(1)006(2)(3)(4)(5)
13.2
10.0
1.2
0.3
0.23
220.0
D
T493D227(1)006(2)(3)(4)(5)
13.2
8.0
0.7
0.1
0.10
220.0
X
T493X227(1)006(2)(3)(4)(5)
13.2
8.0
0.7
0.15
0.07
330.0
D
T493D337(1)006(2)(3)(4)(5)
19.8
8.0
0.5
0.15
0.10
330.0
X
T493X337(1)006(2)(3)(4)(5)
19.8
8.0
0.5
0.1
0.07
1.0
A
T493A105(1)010(2)(3)(4)(5)
0.5
4.0
10.0
6.0
N/A
1.5
A
T493A155(1)010(2)(3)(4)(5)
0.5
6.0
8.0
6.0
N/A
2.2
A
T493A225(1)010(2)(3)(4)(5)
0.5
6.0
8.0
6.0
N/A
3.3
A
T493A335(1)010(2)(3)(4)(5)
0.5
6.0
6.0
4.0
N/A
3.3
B
T493B335(1)010(2)(3)(4)(5)
0.5
6.0
5.5
3.5
N/A
4.7
A
T493A475(1)010(2)(3)(4)(5)
0.5
6.0
6.0
3.0
N/A
4.7
B
T493B475(1)010(2)(3)(4)(5)
0.5
6.0
3.5
1.5
1.3
6.8
A
T493A685(1)010(2)(3)(4)(5)
0.7
6.0
6.0
3.0
N/A
6.8
B
T493B685(1)010(2)(3)(4)(5)
0.7
6.0
3.5
1.2
0.90
10.0
A
T493A106(1)010(2)(3)(4)(5)
1.0
6.0
4.0
1.8
N/A
10.0
B
T493B106(1)010(2)(3)(4)(5)
1.0
6.0
3.5
0.8
0.75
10.0
C
T493C106(1)010(2)(3)(4)(5)
1.0
6.0
1.8
0.6
N/A
#15.0
A
T493A156(1)010(2)(3)(4)(5)
1.5
8.0
6.0
4.0
3.2
15.0
B
T493B156(1)010(2)(3)(4)(5)
1.5
6.0
3.5
0.7
N/A
15.0
C
T493C156(1)010(2)(3)(4)(5)
1.5
6.0
1.8
0.5
0.48
22.0
B
T493B226(1)010(2)(3)(4)(5)
2.2
6.0
3.0
0.7
N/A
22.0
C
T493C226(1)010(2)(3)(4)(5)
2.2
6.0
1.8
0.4
0.29
33.0
B
T493B336(1)010(2)(3)(4)(5)
3.3
6.0
3.5
2.0
N/A
33.0
C
T493C336(1)010(2)(3)(4)(5)
3.3
6.0
1.6
0.3
N/A
33.0
D
T493D336(1)010(2)(3)(4)(5)
3.3
6.0
0.8
0.3
N/A
47.0
C
T493C476(1)010(2)(3)(4)(5)
4.7
6.0
1.2
0.3
N/A
47.0
D
T493D476(1)010(2)(3)(4)(5)
4.7
6.0
0.8
0.2
0.08
68.0
C
T493C686(1)010(2)(3)(4)(5)
6.8
6.0
1.2
0.3
0.23
68.0
D
T493D686(1)010(2)(3)(4)(5)
6.8
6.0
0.8
0.2
0.09
68.0
X
T493X686(1)010(2)(3)(4)(5)
5.4
4.0
0.5
0.15
0.15
#100.0
C
T493C107(1)010(2)(3)(4)(5)
10.0
8.0
1.2
0.3
N/A
100.0
D
T493D107(1)010(2)(3)(4)(5)
10.0
8.0
0.7
0.1
0.08
150.0
D
T493D157(1)010(2)(3)(4)(5)
15.0
8.0
0.7
0.1
0.08
150.0
X
T493X157(1)010(2)(3)(4)(5)
15.0
8.0
0.7
0.2
0.09
#220.0
D
T493D227(1)010(2)(3)(4)(5)
22.0
8.0
0.5
0.2
0.08
220.0
X
T493X227(1)010(2)(3)(4)(5)
22.0
8.0
0.5
0.1
0.05
330.0
X
T493X337(1)010(2)(3)(4)(5)
33.0
10.0
0.5
0.1
0.05
0.68
A
T493A684(1)016(2)(3)(4)(5)
1.1
6.0
12.0
8.0
N/A
1.0
A
T493A105(1)016(2)(3)(4)(5)
0.5
4.0
10.0
6.0
N/A
1.5
A
T493A155(1)016(2)(3)(4)(5)
0.5
6.0
8.0
6.0
N/A
2.2
A
T493A225(1)016(2)(3)(4)(5)
0.5
6.0
6.0
4.0
N/A
3.3
A
T493A335(1)016(2)(3)(4)(5)
0.5
6.0
6.0
3.5
N/A
3.3
B
T493B335(1)016(2)(3)(4)(5)
0.5
6.0
3.5
2.0
N/A
4.7
A
T493A475(1)016(2)(3)(4)(5)
0.8
6.0
6.0
3.0
N/A
4.7
B
T493B475(1)016(2)(3)(4)(5)
0.8
6.0
3.5
1.5
N/A
#6.8
A
T493A685(1)016(2)(3)(4)(5)
1.1
6.0
7.0
3.0
N/A
6.8
B
T493B685(1)016(2)(3)(4)(5)
1.1
6.0
3.5
1.2
N/A
6.8
C
T493C685(1)016(2)(3)(4)(5)
1.1
6.0
1.9
0.8
0.75
10.0
B
T493B106(1)016(2)(3)(4)(5)
1.6
6.0
3.5
0.8
N/A
10.0
C
T493C106(1)016(2)(3)(4)(5)
1.6
6.0
1.8
0.6
N/A
#15.0
B
T493B156(1)016(2)(3)(4)(5)
2.4
6.0
3.0
0.8
0.80
15.0
C
T493C156(1)016(2)(3)(4)(5)
2.4
6.0
1.8
0.4
N/A
#22.0
B
T493B226(1)016(2)(3)(4)(5)
3.5
6.0
2.2
0.8
N/A
22.0
C
T493C226(1)016(2)(3)(4)(5)
3.6
6.0
1.6
0.4
N/A
22.0
D
T493D226(1)016(2)(3)(4)(5)
3.6
6.0
0.8
0.3
N/A
6 Volt Rating at +85ºC (4 Volt Rating at +125ºC) cont.
16 Volt Rating at +85ºC (10 Volt Rating at +125ºC)


Similar Part No. - T493C227K006BK6410

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T493 KEMET-T493 Datasheet
1Mb / 26P
   T493 High Reliability Alternative MnO2 (CWR11 Style)
8/1/2023
T493D227K006CH6120 KEMET-T493D227K006CH6120 Datasheet
1Mb / 26P
   T493 High Reliability Alternative MnO2 (CWR11 Style)
8/1/2023
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T493X106K063AT6110 KEMET-T493X106K063AT6110 Datasheet
260Kb / 1P
   T493 HRA, Tantalum, MnO2 Tantalum, HRA, 10 uF, 10%, 63 VDC, SMD, MnO2, Molded, High Reliability, N/A, 600 mOhms, 7343, Height Max = 4.3mm
10/20/2022
logo
Texas Instruments
T493X107K016CH612A TI-T493X107K016CH612A Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - T493C227K006BK6410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com