Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH4C100K04 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # LQH4C100K04
Description  1MHz, 800mA Synchronous Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

LQH4C100K04 Datasheet(HTML) 3 Page - Monolithic Power Systems

  LQH4C100K04 Datasheet HTML 1Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 2Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 3Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 4Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 5Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 6Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 7Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP2105 – 1MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2105 Rev. 1.2
www.MonolithicPower.com
3
8/19/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPCIAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 1.8V, L1 = 4.7µH, C1 = 4.7µF, C3 = 10µF, TA = +25°C, unless otherwise noted.
MP2105-TPC03
Load Transient
(IOUT=0mA to 500mA step)
Light Load Operation
(IOUT=0mA)
0.603
0.602
0.601
0.600
0.599
0.598
0.597
-40
+20
0
-20
+40 +60 +80 +100
-40
+20
0
-20
+40 +60 +80 +100
TEMPERATURE (
°C)
MP2105-TPC01
Feedback Voltage vs
Temperature
VIN=3.3V
VIN=4.2V
100
95
90
85
80
75
70
65
60
55
50
10
100
1000
LOAD CURRENT (mA)
MP2105-EC01
95
90
85
80
75
70
65
60
55
50
10
100
1000
LOAD CURRENT (mA)
MP2105-TPC04
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
TEMPERATURE (
°C)
MP2105-TPC02
Switching Frequency vs
Temperature
MP2105-EC02
VIN=3.3V
VIN=4.2V
VOUT
100mV/div.
IOUT
0.5A/div.
VOUT
10mV/div.
IL
0.2A/div.
SW
2V/div.


Similar Part No. - LQH4C100K04

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
LQH4C100K04 MPS-LQH4C100K04 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
LQH4C100K04 MPS-LQH4C100K04 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - LQH4C100K04

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
   4A, 1MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com